Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6041IDGKT Datasheet(PDF) 22 Page - Texas Instruments

Part # REF6041IDGKT
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6041IDGKT Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF6041IDGKT Datasheet HTML 18Page - Texas Instruments REF6041IDGKT Datasheet HTML 19Page - Texas Instruments REF6041IDGKT Datasheet HTML 20Page - Texas Instruments REF6041IDGKT Datasheet HTML 21Page - Texas Instruments REF6041IDGKT Datasheet HTML 22Page - Texas Instruments REF6041IDGKT Datasheet HTML 23Page - Texas Instruments REF6041IDGKT Datasheet HTML 24Page - Texas Instruments REF6041IDGKT Datasheet HTML 25Page - Texas Instruments REF6041IDGKT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
8.3.2 Temperature Drift
The REF60xx family is designed for minimal drift error, defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by the following equation:
REF(MAX)
REF(MIN)
6
REF
V
V
Drift
10
(ppm)
V
Temperature Range
§
·
x
¨
¸
x
©
¹
(3)
8.3.3 Load Current
The REF6025, REF6030, REF6033 and REF6041 are specified to deliver current load of ±4mA. The REF6045
is specified to deliver ±3.5mA, and the REF6050 is specified to deliver ±3mA. The REF60xx are protected from
short circuits at the output by limiting the output short-circuit current.
The short-circuit current limit (ISC) of the REF60xx family of devices is adjusted by connecting a resistor (RSS)
on the SS pin. The short-circuit current limit when the REF60xx device is sourcing current can be calculated as
shown in Equation 4:
9
3
SC
SS
I
(80 * 10
) * R
(3 * 10
)
(4)
The short circuit current limit when the REF60xx device is sinking is calculated as shown in Equation 5:
9
3
SC
SS
I
(115 * 10
) * R
(4.6 * 10
)
(5)
The recommended output current of the REF60xx also depends on the resistor connected to the SS pin. The
recommended output current (sourcing and sinking) for the REF6025, REF6030, REF6033 and REF6041 is
given by Equation 6:
9
3
L
SS
I
(31.25 * 10
) * R
(0.25 * 10
)
(6)
The recommended output current (sourcing and sinking) for the REF6045 is given by Equation 7:
9
3
L
SS
I
(27.08 * 10
) * R
(0.25 * 10
)
(7)
The recommended output current (sourcing and sinking) for the REF6050 is given by Equation 8:
9
3
L
SS
I
(23.75 * 10
) * R
(0.15 * 10
)
(8)
The temperature of the device increases according to Equation 9:
‡
J
A
D
-$
T
T
P
R
(9)
where:
• TJ = junction temperature (°C).
• TA = ambient temperature (°C).
• PD = power dissipated (W).
• RθJA = junction-to-ambient thermal resistance (°C/W).
The REF60xx maximum junction temperature must not exceed the absolute maximum rating of 150°C.
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com