Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6041IDGKT.B Datasheet(PDF) 20 Page - Texas Instruments

Part # REF6041IDGKT.B
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6041IDGKT.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF6041IDGKT.B Datasheet HTML 16Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 17Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 18Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 19Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 20Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 21Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 22Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 23Page - Texas Instruments REF6041IDGKT.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
8.3 Feature Description
8.3.1 Integrated ADC Drive Buffer
Many ADC data sheets specify a few microamps of average current draw from the REF pin. Almost all voltage
references provide these few microamps of average current; but not all voltage references are practical for
driving a high-resolution, high-throughput SAR ADC because the peak current drawn can be very high when
the capacitors are switched on the REF pin. The worst-case demand for the voltage reference is during a
burst-mode conversion, when the ADC is idle for a very long time, before a conversion is initiated, and the
first sample converted is expected to be precise. Usually, a large capacitor is connected between the REF pin
and ground pin (or sometimes between the REFP and REFM pins) of the ADC to smooth the current load
and reduce the burden on the voltage reference. The voltage reference must then be capable of providing the
average current required to completely charge the reference capacitor, but without causing the reference voltage
to droop significantly. Most voltage references lack the ability to completely charge the reference capacitor, and
settle when the binary-weighted capacitors are being switched onto the REF pin because of the large output
impedance. Usually, voltage references have output impedances in the range of 10's of ohms at frequencies
higher than 100Hz. The output voltage of the voltage reference must be buffered with a low output impedance
(usually high bandwidth) amplifier to achieve excellent linearity and distortion performance.
The key amplifier specifications to be considered when designing a reference buffer for a high-precision
ADC are: low offset, low drift, wide bandwidth, and low output impedance. While it is possible to select an
amplifier that sufficiently meets all these requirements, the amplifier comes at a cost of excessive power
consumption. For example, the OPA350 is a 38MHz bandwidth amplifier with a maximum offset of 0.5mV,
and low offset drift of 4µV/°C, but consumes a quiescent current of 5.2mA. This is because (from an amplifier
design perspective) offset and drift are dc specifications, whereas bandwidth, low output impedance, and high
capacitive drive capability are high-frequency specifications. Therefore, achieving all the performance in one
amplifier requires power. However, a more efficient design to meet the low power budget is to use a composite
reference buffer, which uses an amplifier with superior high-frequency specifications in the feedback loop of a
dc precision amplifier to get the overall performance at much lower power consumption. Figure 8-1 shows such
a composite amplifier design with the OPA333 (dc precision amplifier) and THS4281 (high-bandwidth amplifier).
This reference buffer design requires three devices, and a large number of external components. This solution
still consumes close to 2mA of quiescent current.
+
VIN
VOUT
GND
Temp
Trim
+
5-V Power Supply
Temp
REF5045
1 µF
200 PŸ
1 NŸ
10 µF
1 µF
OPA333
1 NŸ
1 µF
20 NŸ
1 µF
To REF pin
of ADC
200 PŸ
10 µF
VDD
THS4281
VDD
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Composite Amplifier Reference Buffer
The REF60xx family of voltage references have an integrated low output impedance buffer (ADC drive buffer);
therefore, there is no need for an external buffer while driving the REF pin of high-precision, high-throughput
SAR ADCs, as shown in Figure 8-2. The ADC drive buffer of the REF60xx is capable of replenishing a charge
of 70 pC on a 47-µF capacitor in 1µs, without allowing the voltage on the capacitor to droop more than 1LSB at
18-bit precision. The REF60xx are trimmed at multiple temperatures in production, achieving a max drift of just
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com