Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS0101DA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS0101DA
Description  SENSITIVE GATE SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS0101DA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS0101DA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0101DA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0101DA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0101DA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FS01...A/B
SENSITIVE GATE SCR
Feb - 01
Electrical Characteristics
Gate Trigger Current
Off-State Leakage Current
On-state Voltage
On-state Threshold Voltage
On-state slope Resistance
Gate Trigger Voltage
Holding Current
Latching Current
PARAMETER
CONDITIONS
SENSITIVITY
Unit
SYMBOL
IGT
IDRM
VD = 12 VDC , RL = 140
Ω, T
j = 25 ºC
01
1
20
µA
02
200
100
1
1.93
0.95
600
0.8
75
µA
V
V
m
Ω
V
mA
mA
V/µs
MIN
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MIN
MIN
TYP
MAX
30
500
200
80
150
A/µs
ns
µs
/ IRRM
VTM
VT(TO)
rT
VGT
IH
IL
dv / dt
di / dt
tgd
tq
Rth(j-l)
Rth(j-a)
Critical Rate of Voltage
Rise
Critical Rate of Current Rise
Gate Controlled Delay Time
Commutated Turn-Off Time
Thermal Resistance
Junction-Leads for DC
Thermal Resistance
Junction-Ambient
ºC/W
ºC/W
VD = VDRM , RGK = 1K
Ω, T
j = 125 ºC
Tj = 25 ºC
VR = VRRM ,
at IT = 1.6 Amp, tp = 380 µs, Tj = 25 ºC
Tj = 125 ºC
Tj = 125 ºC
VD = 12 VDC , RL = 140
Ω, T
j = 25 ºC
IT = 50 mA , RGK = 1K
Ω, T
j = 25 ºC
IG = 1 mA , RGK = 1K
Ω, T
j = 25 ºC
VD = 0.67 x VDRM , RGK = 1K
Ω,
Tj = 125 ºC
IG = 10 mA, diG/dt = 0.1 A/µs, Tj = 125 ºC
IG = 10 mA, diG/dt = 0.1 A/µs, Tj = 25 ºC
ITM = 3x IT(AV) VD = VDRM
ITM = 3x IT(AV) VR = 35 V
di/dt = 10 A/µs tp = 100 µs
dv/dt = 10 V/µs Tj = 125 ºC
VD = 67% VDRM RGK = 1K
Ω
PART NUMBER INFORMATION
FAGOR
SCR
CURRENT
PACKAGE: A: TO92
B: RD26
VOLTAGE
SENSITIVITY
F
S
01
02
B
A
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com