Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53124RGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124RGET
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124RGET Datasheet(HTML) 1 Page - Texas Instruments

  TPS53124RGET Datasheet HTML 1Page - Texas Instruments TPS53124RGET Datasheet HTML 2Page - Texas Instruments TPS53124RGET Datasheet HTML 3Page - Texas Instruments TPS53124RGET Datasheet HTML 4Page - Texas Instruments TPS53124RGET Datasheet HTML 5Page - Texas Instruments TPS53124RGET Datasheet HTML 6Page - Texas Instruments TPS53124RGET Datasheet HTML 7Page - Texas Instruments TPS53124RGET Datasheet HTML 8Page - Texas Instruments TPS53124RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION DIAGRAM
L2
SGND
TPS53124RGE
(QFN24)
DRVH2
VBST2
EN2
LL1
DRVL1
DRVH1
VBST1
EN1
PGND2
PGND1
DRVL2
LL2
C3
3.3uH
C9
C1
VO2
1.8V
C5
0.1uF
Input Voltage
PGND
1.05 V
4.7uF
C4
C6
Q4
3.3uH
PGND
Q3
R4
R5
R2
R1
C2
0.1uF
Q1
Q2
PGND
SGND
VO1
C7
4.7 uF
C8
1 uF
R6
R3
24
22
23
19
20
21
13
14
15
16
17
18
8
9
10
11
12
7
1
2
3
4
5
6
Power PAD
PGND
SGND
4.7uF
L1
TPS53124
www.ti.com ..................................................................................................................................................... SLUS825B – FEBRUARY 2008 – REVISED MAY 2008
Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
2
• High Efficiency, Low-Power Consumption
• D-Cap Mode Enables Fast Transient Response
The TPS53124 is a dual, Adaptive on-time DCAP™
mode synchronous controller. The part enables
• High Initial Reference Accuracy
system designers to cost effectively complete the
• Low Output Ripple
suite of digital TV power bus regulators with the
• Wide Input Voltage Range: 4.5 V to 24 V
absolute lowest external component count and lowest
standby consumption. The main control loop for the
• Output Voltage Range: 0.76 V to 5.5 V
TPS53124 uses the D-CAP™ mode that optimized
• Low-Side R
DS(on) Loss-less Current Sensing
for low ESR output capacitors such as POSCAP or
• Adaptive Gate Drivers with Integrated Boost
SP-CAP promises fast transient response with no
Diode
external
compensation.
The
part
provides
a
convenient and efficient operation with conversion
• Internal 1.2-ms Voltage-Servo Soft Start
voltages from 4.5 V to 24 V and output voltage from
• Built-In 5-V Linear Regulator
0.76 V to 5.5 V.
The TPS53124 is available in the 24-pin RGE
package and in the 28-pin PW package and is
• Digital TV Power Supply
specified from -40
°C to 85°C ambient temperature
• Networking Home Terminal
range.
• Digital STB
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DCAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53124RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results

Similar Description - TPS53124RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com