Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2136PM Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 27Page - Texas Instruments TUSB2136PM Datasheet HTML 28Page - Texas Instruments TUSB2136PM Datasheet HTML 29Page - Texas Instruments TUSB2136PM Datasheet HTML 30Page - Texas Instruments TUSB2136PM Datasheet HTML 31Page - Texas Instruments TUSB2136PM Datasheet HTML 32Page - Texas Instruments TUSB2136PM Datasheet HTML 33Page - Texas Instruments TUSB2136PM Datasheet HTML 34Page - Texas Instruments TUSB2136PM Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
2−18
2.6.8
HUBPIDL: Hub PID Register (Low-Byte)
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
00h
Hub PID low-byte value
2.6.9
HUBPIDH: Hub PID Register (High-Byte)
7
6
5
4
3
210
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[15:8]
00h
Hub PID high-byte value
2.6.10 HUBVIDL: Hub VID Register (Low-Byte)
7
6
5
4
3
210
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[7:0]
00h
Hub VID low-byte value
2.6.11 HUBVIDH: Hub VID Register (High-Byte)
7
6
5
4
3
210
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
7−0
D[15:8]
00h
Hub VID high-byte value
2.6.12 VIDSTA: VID/PID Status Register
This register is used to read the value on four external pins. The firmware can use this value to select one of the vendor
identification/product identifications (VID/PID) stored in memory. The TUSB2136 supports up to 16 unique VID/PIDs
with application code to support different products. This provides a unique opportunity for original equipment
manufacturers (OEMs) to have one device to support up to 16 different product lines by using S0−S3 to select VID/PID
and behavioral application code for the selected product.
7
6
5
4
3
210
RSV
RSV
RSV
RSV
S3
S2
S1
S0
R/O
R/O
R/O
R/O
R/O
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
3−0
S[3:0]
x
VID/PID selection bits. These bits reflect the status of the external pins as defined by Table 2−6. Note that a
pin tied low is reflected as a 0 and a pin tied high is reflected as a 1.
7−4
RSV
0
Reserved = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com