Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM100 Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # VM100
Description  Extention Tube Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

VM100 Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  VM100 Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subjected to change without any notice.
2004.5
C-Mount
Lens
CS-Mount
Camera
40
4
20
4
10
4
5
41
0.5
5mm
Extension Tube
5mm Extension Tube(VM400)
5mm Extension Tube can, also, be used with C-Mount Lens to fix to CS-Mount Camera.
Extention Tube Kit
Extension Tube Kit allows to be focused on an object that is nearer to the camera than the normal lens focus movement provides.
Extension Tube Kit is consists of 6 metal spacers and barrels of the following length (0.5mm, 1mm, 5mm, 10mm, 20mm and 40mm).
By using these individually or in combination between the lens and camera, the lens can be focusted at the following object distance.
Convertible Distance Table
VM100
Format
Forcal Lengh
Focusing Scale
0.5mm
1.0mm
1.5mm(1 0.5)
5.0mm
10.0mm
15.0mm
20.0mm
25.0mm(20 5)
30.0mm(20 10)
35.0mm
40.0mm
45.0mm(40 5)
50.0mm(40 10)
55.0mm(40 10 5)
60.0mm(40 20)
65.0mm(40 20 5)
1
type
2/3
type
1/2
type
f 12.5mm
0.3m - Inf.
20 - 35
14 - 19
11 - 14
6 - 7
f 25mm
0.5m - Inf.
41 - 125
32 - 66
27 - 45
14 - 16
9 - 10
7 - 8
7
f 50mm
1.0m - Inf.
78 - 175
43 - 59
29 - 34
23 - 25
20 - 21
18 - 19
17
16
15
f 75mm
1.0m - Inf.
69 - 125
50 - 69
41 - 50
35 - 41
30 - 35
29 - 30
27 - 29
25 - 27
24 - 25
23 - 24
22 - 23
21 - 22
21
f 8.5mm
0.2m - Inf.
8 - 14
5 - 6
3 - 4
1
f 16mm
0.3m - Inf.
22 - 54
17 - 28
14 - 20
7 - 8
5
f 6mm
0.1m - Inf.
3 - 6
2 - 3
1 - 2
f 12mm
0.2m - Inf.
12 - 31
8 - 15
6 - 10
2 - 3
2
Dimensions
Unit : cm


Similar Part No. - VM100

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
VM10 SEI-VM10 Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
List of Unclassifed Man...
VM1010 ETC-VM1010 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
VM1010-U7-R13 ETC-VM1010-U7-R13 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
logo
Kemet Corporation
VM105MK122R030P050 KEMET-VM105MK122R030P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 38 V, 30 VAC, 47 V, 50 V, 77 V, 10 A, 1.2 kA, 10 J, 12 J, 30 mW
VM105MK801R020P050 KEMET-VM105MK801R020P050 Datasheet
60Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 26 V, 20 VAC, 33 V, 36 V, 54 V, 5 A, 800 A, 3.2 J, 6 J, 15 mW
More results

Similar Description - VM100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V_07 Datasheet
160Kb / 8P
For extention of I2C-BUS compatible microcomputer I/O port
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
logo
Assmann Electronics Inc...
AK669-18 ASSMANN-AK669-18 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-18-BLACK ASSMANN-AK669-18-BLACK Datasheet
196Kb / 1P
USB Extention Cable Version 1.1,
AK669-30 ASSMANN-AK669-30 Datasheet
194Kb / 1P
USB Extention Cable Version 1.1,
AK669-30-BLACK-R ASSMANN-AK669-30-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1,
AK669-50-BLACK-R ASSMANN-AK669-50-BLACK-R Datasheet
196Kb / 1P
USB Extention Cable Version 1.1
logo
Neutrik AG
NA3FM NEUTRIK-NA3FM Datasheet
45Kb / 2P
3 pole XLR male - 3 pole XLR female (extention adapter)
logo
M-System Co.,Ltd.
R9WTU-EP MSYSTEM-R9WTU-EP Datasheet
186Kb / 4P
Remote I/O R9 Series MULTI POWER MONITORING EXTENTION UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com