Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM300 Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # VM300
Description  The View Finder is an optical tooI to determine the field view of a lens.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

VM300 Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  VM300 Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subjected to change without any notice.
2004.5
1/3
type
1/2
type
2/3
type
1
type
4.0
4.0
4.0
36
5.0
6.5
10
12.5
16
25
35
50
75
100
115
10
12.5
16
25
35
50
75
8.0
6.5
8.0
10
12.5
16
25
35
50
55
Table on the Barrel
Dot
Adjustment Ring
2/3 type
12.5
2/3
type
1
type
1/3
type
1/2
type
16
25
12.5
8.0
Camera Format
Recommend Focal Length
1 type
2/3 type
1/2 type
1/3 type
25.0mm
16.0mm
12.5mm
8.0mm
VIEW FINDER
The View Finder is an optical tooI to determine the field view of a lens.
VM300
Applications
1 To determine the field of view of existing lens.
Select the correct camera format scale, then rotate the View Finder barrel unit the dot coincides with the lens focal length.
The object viewed through the finder is the same as seen by the camera.
Example : In the case when the camera format is 2/3 type and the focal Iength of the Iens is 12.5mm, adjust the barrel as shown.
2 To determine what focaI length lens to use.
First, look the object through the finder's windows, then turn the barrel to find the desired field of view.
Next, using the correct camera format scaIe, read the lens focal length which coinciders with the dot on the barreI.
Example :


Similar Part No. - VM300

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF-16 FREQUENCYDEVICES-VM300PAFF-16 Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF-32 FREQUENCYDEVICES-VM300PAFF-32 Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF-8 FREQUENCYDEVICES-VM300PAFF-8 Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
More results

Similar Description - VM300

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN25155 PANASONIC-AN25155 Datasheet
70Kb / 2P
ELECTRONIC VIEW-FINDER DRIVING IC WITH SYNCHRONOUS SIGNAL
AN2516S PANASONIC-AN2516S Datasheet
26Kb / 3P
Electronic View-Finder Driving IC with Character Input
AN2514S PANASONIC-AN2514S Datasheet
290Kb / 5P
Electronic View-finder Driving IC with Synchronous Signal
AN2512S PANASONIC-AN2512S Datasheet
282Kb / 5P
Electronic View-finder Driving IC
AN2515S PANASONIC-AN2515S Datasheet
74Kb / 2P
ELECTRONIC VIEW-FINDER DRIVING IC WITH SYNCHRONOUS SIGNAL
logo
Everlight Electronics C...
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
TOP View LEDs With Lens
logo
Texas Instruments
DS92LV1212A TI-DS92LV1212A Datasheet
411Kb / 17P
The DS92LV 1212A is an upgrade of the DS92LV1212.
logo
STMicroelectronics
UM0313 STMICROELECTRONICS-UM0313 Datasheet
1Mb / 33P
The EK302DL is an evaluation kit designed to provide the user with a complete
08-Jun-2007
logo
Taoglas antenna solutio...
TS.07.0113 TAOGLAS-TS.07.0113 Datasheet
2Mb / 30P
Antenna must have a view of the Sky
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com