Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM200221 Datasheet(PDF) 8 Page - SMSC Corporation

Part # COM200221
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM200221 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button COM200221 Datasheet HTML 4Page - SMSC Corporation COM200221 Datasheet HTML 5Page - SMSC Corporation COM200221 Datasheet HTML 6Page - SMSC Corporation COM200221 Datasheet HTML 7Page - SMSC Corporation COM200221 Datasheet HTML 8Page - SMSC Corporation COM200221 Datasheet HTML 9Page - SMSC Corporation COM200221 Datasheet HTML 10Page - SMSC Corporation COM200221 Datasheet HTML 11Page - SMSC Corporation COM200221 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
Datasheet
Revision 09-27-07
Page 8
SMSC COM20022I
DATASHEET
Chapter 3
Description of Pin Functions
PIN NO
NAME
SYMBOL
I/O
DESCRIPTION
MICROCONTROLLER INTERFACE
44,45,
46
Address 0-2
A0/nMUX
A1
A2/ALE
IN
IN
IN
On a non-multiplexed mode, A0-A2 are address input bits.
(A0 is the LSB) On a multiplexed address/data bus, nMUX
tied Low, A1 is left open, and ALE is tied to the Address
Latch Enable signal. A1 is connected to an internal pull-up
resistor.
1,2,4,
7,9,
10,12, 13
Data 0-7
AD0-AD2,
D3-D7
I/O
On a non-multiplexed bus, these signals are used as the
lower byte data bus lines. On a multiplexed address/data
bus, AD0-AD2 act as the address lines (latched by ALE)
and as the low data lines. D3-D7 are always used for data
only. These signals are connected to internal pull-up
resistors.
47, 48,
3,5,
14-17
Data 8-15
D8-D15
I/O
D8-D15 are always used as the higher byte data bus lines
only for 16bit internal RAM access. When the 16bit access
is disabled, these signals are always Hi-Z. Enabling or
disabling the 16bit access is programmable. A data
swapper is built in. These signals are connected to internal
pull-up resistors.
37
nWrite/
Direction
nWR/DIR
IN
nWR is for 80xx CPU, nWR is Write signal input. Active
Low.
DIR is for 68xx CPU, DIR is Bus Direction signal input.
(Low: Write, High: Read.)
39
nRead/
nData Strobe
nRD/nDS
IN
nRD is for 80xx CPU, nRD is Read signal input. Active Low.
nDS is for 68xx CPU, nDS is Data Strobe signal input.
Active Low.
31
nReset In
nRESET
IN
Hardware reset signal. Active Low.
34
nInterrupt
nINTR
OUT
Interrupt signal output. Active Low.
36
nChip Select
nCS
IN
Chip Select input. Active Low.
42
nI/O
16 Bit
Indicator
nIOCS16
OUT
This signal is an active Low signal which indicates
accessing 16bit data only by CPU. This signal becomes
active when CPU accesses to data register only if W16 bit
is 1. This signal is same as on ISA Bus signal, but it’s not
OPEN-DRAIN. An external OPEN-DRAIN Buffer is needed
when this signal connects to the ISA Bus.
26
Read/Write
Bus Timing
Select
BUSTMG
IN
Read and Write Bus Access Timing mode selecting signal.
Status of this signal effects CPU and DMA Timing.
L: High speed timing mode (only for non-multiplexed bus)
H: Normal timing mode
This signal is connected to internal pull-up registers.
33
DMA
Request
DREQ
OUT
DMA Request signal. Active polarity is programmable.
Default is active high.
35
DMA Ack
nDACK
IN
DMA Acknowledge signal. Active Low. When BUSTMG is
High, this signal is connected to internal pull-up registers
38
Terminal
Count
TC
IN
Terminal Count signal. Active polarity is programmable.
Default is active high. When BUSTMG is High, this signal is
connected to the internal pull-up resistor.
40
Refresh
Execution
nREFEX
IN
Refresh execution signal. Falling edge detection. This
signal is connected to the internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com