Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73618DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS73618DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73618DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73618DBVT Datasheet HTML 3Page - Texas Instruments TPS73618DBVT Datasheet HTML 4Page - Texas Instruments TPS73618DBVT Datasheet HTML 5Page - Texas Instruments TPS73618DBVT Datasheet HTML 6Page - Texas Instruments TPS73618DBVT Datasheet HTML 7Page - Texas Instruments TPS73618DBVT Datasheet HTML 8Page - Texas Instruments TPS73618DBVT Datasheet HTML 9Page - Texas Instruments TPS73618DBVT Datasheet HTML 10Page - Texas Instruments TPS73618DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
5.7 Typical Characteristics
For all voltage versions, at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF, unless otherwise
noted.
0.5
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
0
50
100
150
300
350
200
250
400
IOUT (mA)
Referred to IOUT = 10mA
–40°C
125°C
25°C
Legacy silicon
Figure 5-1. Load Regulation
New silicon
Figure 5-2. Load Regulation
0.20
0.15
0.10
0.05
0
- 0.05
- 0.10
- 0.15
- 0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN – VOUT (V)
125°C
25°C
–40°C
Referred to V
IN = VOUT + 0.5V at IOUT = 10mA
Legacy silicon
Figure 5-3. Line Regulation
New silicon
Figure 5-4. Line Regulation
100
80
60
40
20
0
0
50
100
150
200
400
250
300
350
IOUT (mA)
125°C
25°C
–40°C
TPS73625DBV
Legacy silicon
Figure 5-5. Dropout Voltage vs Output Current
New silicon
Figure 5-6. Dropout Voltage vs Output Current
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com