Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73633DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS73633DBVR
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73633DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS73633DBVR Datasheet HTML 17Page - Texas Instruments TPS73633DBVR Datasheet HTML 18Page - Texas Instruments TPS73633DBVR Datasheet HTML 19Page - Texas Instruments TPS73633DBVR Datasheet HTML 20Page - Texas Instruments TPS73633DBVR Datasheet HTML 21Page - Texas Instruments TPS73633DBVR Datasheet HTML 22Page - Texas Instruments TPS73633DBVR Datasheet HTML 23Page - Texas Instruments TPS73633DBVR Datasheet HTML 24Page - Texas Instruments TPS73633DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
The maximum power dissipated in the linear regulator is the maximum voltage dropped across the pass
transistor from the input to the output times the maximum load current. In this example, the maximum voltage
drop across in the pass transistor is 5V + 3% (5.15 V) minus 2.5V – 1% (2.475V) or 2.675V. The power
dissipated in the pass transistor is calculated by taking this voltage drop multiplied by the maximum load current.
For this example, the maximum power dissipated in the linear regulator is 1.07W. Once the power dissipated
in the linear regulator is known, the corresponding junction temperature rise can be calculated. To calculate the
junction temperature rise above ambient, the power dissipated must be multiplied by the junction-to-ambient
thermal resistance. For thermal resistance information, see the Thermal Information table. For this example,
using the DRB package, the maximum junction temperature rise is calculated to be 51°C. The maximum junction
temperature rise is calculated by adding junction temperature rise to the maximum ambient temperature. In this
example, the maximum junction temperature is 106°C. Keep in mind the maximum junction temperate must be
below 125°C for reliable operation. Addition ground planes, added thermal vias, and air flow all help to lower the
maximum junction temperature. Using the DCQ or DBV packages are not recommended for this application due
to the excessive junction temperature rise that is incurred.
R1 and R2 can be calculated for any output voltage using the formula shown in Figure 7-2. Sample resistor
values for common output voltages are shown in Figure 6-2.
For best accuracy, make the parallel combination of R1 and R2 approximately equal to 19kΩ. This 19kΩ, in
addition to the internal 8kΩ resistor, presents the same impedance to the error amplifier as the 27kΩ bandgap
reference output. This impedance helps compensate for leakages into the error amplifier terminals.
Using the values in Figure 6-2 for a 2.5V output results in a value of 39.2kΩ for R1 and 36.5kΩ for R2.
To get the noise level below 35µVRMS, a noise reduction capacitance (CFF) of 10nF is selected. Figure 5-47 must
be used as a reference when selecting optimal value for CFF.
A 10µF, low equivalent series resistance (ESR) ceramic X5R capacitor was used on the output of this design
to minimize the output voltage droop during a low transient. Use of an input capacitor is optional. However, in
systems where the input supply is located several inches away from the LDO, a small 0.1µF input capacitor is
recommended to negate the adverse effects that input supply inductance has on stability and ac performance.
See the Input and Output Capacitor Requirements section for additional information about input and output
capacitor selection.
7.2.2.1 Input and Output Capacitor Requirements
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1μF to
1μF, low ESR capacitor across the input supply near the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor can be
necessary if large, fast rise-time load transients are anticipated or the device is located several inches from the
power source.
The TPS736 does not require an output capacitor for stability and has maximum phase margin with no capacitor.
The device is designed to be stable for all available types and values of capacitors. In applications where
multiple low ESR capacitors are in parallel, ringing can occur when the product of COUT and total ESR drops
below 50nΩ × F. Total ESR includes all parasitic resistances, including capacitor ESR and board, socket,
and solder joint resistance. In most applications, the sum of capacitor ESR and trace resistance meets this
requirement.
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com