Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74107 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74107
Description  DUAL J-K FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74107 Datasheet(HTML) 2 Page - STMicroelectronics

  74107 Datasheet HTML 1Page - STMicroelectronics 74107 Datasheet HTML 2Page - STMicroelectronics 74107 Datasheet HTML 3Page - STMicroelectronics 74107 Datasheet HTML 4Page - STMicroelectronics 74107 Datasheet HTML 5Page - STMicroelectronics 74107 Datasheet HTML 6Page - STMicroelectronics 74107 Datasheet HTML 7Page - STMicroelectronics 74107 Datasheet HTML 8Page - STMicroelectronics 74107 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 8, 4, 11
1J, 2J, 1K,
2K
Synchronous Inputs;
Flip-Flop 1 And 2
2, 6
1Q, 2Q
Complement Flip-Flop
Outputs
3, 5
1Q, 2Q
True Flip-Flop Outputs
12, 9
1CK, 2CK
Clock Input
13, 10
1CLR,
2CLR
Asynchronous Reset
Inputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
TRUTH TABLE
INPUTS
OUTPUTS
FUNCTION
CLR
J
K
CK
Q
Q
L
XXXL
H
CLEAR
HL
L
Qn
Qn
NO CHANGE
HLH
L
H
HH
L
H
L
HHH
Qn
Qn
TOGGLE
HX
X
Qn
Qn
NO CHANGE
X: Don’t Care
LOGIC DIAGRAM (1/2 Package)
M54/M74HC107
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com