Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03426 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03426
Description  Wire Stripping, Cutting & Crimping Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03426 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03426 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
Wire Stripping, Cutting & Crimping Set
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Features metric units of measure
•  Colour coded crimping tool for insulated and non-insulated connectors (Red, Blue & Yellow)
•  Crimps 0.75mm - 6mm terminals
•  PVC handle, designed for a comfortable and sturdy grip
•  Cuts screw sizes: M.26, M3, M3.5, M4 & M5
•  Rust-resistant oxide finish
•  Contains a selection of popular terminals
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Wire Stripping, Cutting & Crimping Set, 66 Piece
D03426
Specifications
Crimp Tool Type 
: Hand Held
For Use With 
: Insulated and Non Insulated Electrical Connectors


Similar Part No. - D03426

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03420 DURATOOL-D03420 Datasheet
170Kb / 1P
PCB Holder
15/01/21 V1.0
D03422 DURATOOL-D03422 Datasheet
172Kb / 1P
Automatic Wire Stripper
05/01/21 V1.0
D03423 DURATOOL-D03423 Datasheet
165Kb / 1P
Wire Stripper
15/01/21 V1.0
D03424 DURATOOL-D03424 Datasheet
166Kb / 1P
Cable Cutter Stripper
15/01/21 V1.0
D03425 DURATOOL-D03425 Datasheet
255Kb / 1P
Automatic Wire Stripper & Crimp Set
05/01/21 V1.0
More results

Similar Description - D03426

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP550 ETC2-IP550 Datasheet
317Kb / 3P
Cutting-edge SIP feature set meets Polycom HD Voice
logo
PHOENIX CONTACT
QUICK-WIREFOX-6 PHOENIX-QUICK-WIREFOX-6 Datasheet
54Kb / 3P
Stripping tool for cables with PVC insulation, stripping range: 0.08 to 6 mm짼, wire cutting up to 6 mm짼 flexible or 4 mm짼 rigid
1200098 PHOENIX-1200098 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET PU
1200099 PHOENIX-1200099 Datasheet
41Kb / 1P
Cable-cutting tool - CF-10 WHEEL SET STEEL
1207271 PHOENIX-1207271 Datasheet
40Kb / 2P
Cable-cutting tool - CF-10 WHEEL SET
1212093 PHOENIX-1212093 Datasheet
84Kb / 6P
Crimping pliers set - CRIMPFOX-M SET
logo
Weidmuller
9005000000 WEIDMULLER-9005000000 Datasheet
274Kb / 4P
Tools, Stripping and cutting tool
November 9, 2021
9005610000 WEIDMULLER-9005610000 Datasheet
114Kb / 4P
Tools, Stripping and cutting tool
September 28, 2021
9020000000 WEIDMULLER-9020000000 Datasheet
1Mb / 6P
Cutting, stripping and crimping tool, Crimping tool for wire-end ferrules
November 9, 2021
logo
HARTING Technology Grou...
09-99-000-0990 HARTING-09-99-000-0990 Datasheet
941Kb / 2P
Battery Crimping Tool Set
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com