Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03430 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03430
Description  Slotted Screwdrivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03430 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03430 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
Slotted Screwdrivers
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Two colour handle with high torque and an ergonomic comfortable grip
•  High impact and oil resistant plastic handle
•  S2 Steel blades can handle increased torque
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Slotted Screwdriver, 4mm × 100mm
D03429
Slotted Screwdriver, 5.5mm × 125mm
D03430
Slotted Screwdriver, 8mm × 175mm
D03431
Part Number
D03429
D03430
D03431
Tip Size
4mm
5.5mm
8mm
Blade Length
100mm
125mm
175mm


Similar Part No. - D03430

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03432 DURATOOL-D03432 Datasheet
119Kb / 1P
Stubby Slotted Screwdriver
15/01/21 V1.0
D03433 DURATOOL-D03433 Datasheet
121Kb / 1P
Pozidriv Screwdriver
15/01/21 V1.0
D03434 DURATOOL-D03434 Datasheet
121Kb / 1P
Pozidriv Screwdriver
15/01/21 V1.0
D03435 DURATOOL-D03435 Datasheet
122Kb / 1P
Stubby Pozidriv Screwdriver
15/01/21 V1.0
D03436 DURATOOL-D03436 Datasheet
123Kb / 1P
Phillips Screwdriver
15/01/21 V1.0
More results

Similar Description - D03430

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIT-5A117 UOT-MIT-5A117 Datasheet
56Kb / 3P
SLOTTED PHOTOINTERRUPTER
logo
Marktech Corporate
MTSS10040 MARKTECH-MTSS10040 Datasheet
98Kb / 3P
SLOTTED SWITCH
MTSS12000 MARKTECH-MTSS12000 Datasheet
107Kb / 4P
SLOTTED SWITCH
MTSS8050 MARKTECH-MTSS8050 Datasheet
127Kb / 3P
SLOTTED SWITCH
MTSS8520 MARKTECH-MTSS8520 Datasheet
116Kb / 3P
SLOTTED SWITCH
logo
OPTEK Technologies
OPB780 OPTEK-OPB780 Datasheet
119Kb / 1P
Slotted Switch
05/05
logo
Unity Opto Technology
MIT-5A11B UOT-MIT-5A11B Datasheet
145Kb / 3P
SLOTTED PHOTOINTERRUPTER
logo
List of Unclassifed Man...
W900837 ETC2-W900837 Datasheet
17Kb / 1P
Screwdrivers for Terminal Blocks
D00031 ETC2-D00031 Datasheet
33Kb / 1P
Gearless Ratchet Screwdrivers
16112 ETC2-16112 Datasheet
231Kb / 1P
Wiha Cabinet Tip Screwdrivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com