Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03433 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03433
Description  Pozidriv Screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03433 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03433 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
Pozidriv Screwdriver
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Two colour handle with high torque and an ergonomic comfortable grip
•  High impact and oil resistant plastic handle
•  S2 Steel blades can handle increased torque
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Pozidriv Screwdriver, PZ1 × 100mm
D03433
Pozidriv Screwdriver, PZ2 × 125mm
D03434
Part Number
D03433
D03434
Pozidriv Tip Size
PZ1
PZ2
Blade Length
100mm
125mm


Similar Part No. - D03433

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03430 DURATOOL-D03430 Datasheet
122Kb / 1P
Slotted Screwdrivers
15/01/21 V1.0
D03431 DURATOOL-D03431 Datasheet
122Kb / 1P
Slotted Screwdrivers
15/01/21 V1.0
D03432 DURATOOL-D03432 Datasheet
119Kb / 1P
Stubby Slotted Screwdriver
15/01/21 V1.0
D03435 DURATOOL-D03435 Datasheet
122Kb / 1P
Stubby Pozidriv Screwdriver
15/01/21 V1.0
D03436 DURATOOL-D03436 Datasheet
123Kb / 1P
Phillips Screwdriver
15/01/21 V1.0
More results

Similar Description - D03433

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1200153 PHOENIX-1200153 Datasheet
43Kb / 2P
Screwdriver - SF-TXH 30X115
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
1212070 PHOENIX-1212070 Datasheet
43Kb / 2P
Screwdriver - SF-M BH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com