Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D03436 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03436
Description  Phillips Screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03436 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03436 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/01/21
Phillips Screwdriver
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Two colour handle with high torque and an ergonomic comfortable grip
•  High impact and oil resistant plastic handle
•  S2 Steel blades can handle increased torque
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Phillips Screwdriver,  #1 × 100mm
D03436
Phillips Screwdriver,  #2 × 125mm
D03437
Part Number
D03436
D03437
Phillips Tip Size
#1
 #2
Blade Length
100mm
125mm


Similar Part No. - D03436

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03430 DURATOOL-D03430 Datasheet
122Kb / 1P
Slotted Screwdrivers
15/01/21 V1.0
D03431 DURATOOL-D03431 Datasheet
122Kb / 1P
Slotted Screwdrivers
15/01/21 V1.0
D03432 DURATOOL-D03432 Datasheet
119Kb / 1P
Stubby Slotted Screwdriver
15/01/21 V1.0
D03433 DURATOOL-D03433 Datasheet
121Kb / 1P
Pozidriv Screwdriver
15/01/21 V1.0
D03434 DURATOOL-D03434 Datasheet
121Kb / 1P
Pozidriv Screwdriver
15/01/21 V1.0
More results

Similar Description - D03436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13915 ETC2-13915 Datasheet
20Kb / 1P
Item 13915, Size No. 1 Phillips Screwdriver
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
71404 ETC2-71404 Datasheet
452Kb / 2P
Phillips Bits
SX101 ETC2-SX101 Datasheet
49Kb / 1P
No. 1 x 1 7/16 Round Blade Stubby Phillips Screwdriver, Amber
logo
PHOENIX CONTACT
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-SL PHOENIX-SF-SL Datasheet
64Kb / 3P
Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com