Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0106C-P-R Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0106C-P-R
Description  PLCC-28/JLCC-28/LCC-28 (Pin 1 Out) Compact Series to PGA-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0106C-P-R Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0106C-P-R Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0106C-P-R Datasheet HTML 2Page - Proto Advantage SMD Adapter PA0106C-P-R Datasheet HTML 3Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
PLCC-28/JLCC-28/LCC-28 (Pin 1 Out) Compact Series
to PGA-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.25
A2
9.25
B
2.75
C
0.80
D
0.47
E
1.27
F
0.1
G
0.1
H
0.46
X
0.6
Y
0.6
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2021 Proto Advantage™
B
C
D
E
A
A2
PA0106C-P-R


Similar Part No. - PA0106C-P-R

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0106C-P PROTOADVANTAGE-PA0106C-P Datasheet
234Kb / 3P
PLCC-28/JLCC-28/LCC-28 (Pin 1 In) Compact Series to PGA-28 SMT Adapter (1.27 mm pitch, 12.5 x 12.5 mm body)
revision 1.0
More results

Similar Description - PA0106C-P-R

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-PLCC28-Z-P-T-01 IRONWOOD-CA-PLCC28-Z-P-T-01 Datasheet
22Kb / 1P
CARRIER ADAPTOR 28 position PLCC ZIF socket with test points to 28 position PLCC plug.
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
28 Pin DIP Adapters
logo
List of Unclassifed Man...
PA28PL28D-YA ETC2-PA28PL28D-YA Datasheet
85Kb / 2P
28 PIN PLCC SOCKET ADAPTER
PA28SO28D-EO-300 ETC2-PA28SO28D-EO-300 Datasheet
81Kb / 2P
28 PIN SOP SOCKET ADAPTER
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
28 pin DIP ZIF socket/28 pin PLCC plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA32-28 ETC2-PA32-28 Datasheet
28Kb / 1P
32 pin PLCC socket/28 pin DIP 0.6??plug
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com