Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0107C-P-R Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0107C-P-R
Description  PLCC-44/JLCC-44/LCC-44 (Pin 1 Out) Compact Series to PGA-44 SMT Adapter (1.27 mm pitch, 17.5 x 17.5 mm body)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0107C-P-R Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0107C-P-R Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0107C-P-R Datasheet HTML 2Page - Proto Advantage SMD Adapter PA0107C-P-R Datasheet HTML 3Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
PLCC-44/JLCC-44/LCC-44 (Pin 1 Out) Compact Series
to PGA-44 SMT Adapter (1.27 mm pitch, 17.5 x 17.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
14.25
A2
14.25
B
2.75
C
0.80
D
0.47
E
1.27
F
0.1
G
0.1
H
0.46
X
0.8
Y
0.8
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2021 Proto Advantage™
B
C
D
E
A
A2
PA0107C-P-R


Similar Part No. - PA0107C-P-R

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0107C-P-R2 PROTOADVANTAGE-PA0107C-P-R2 Datasheet
309Kb / 3P
PLCC-44/JLCC-44/LCC-44 (Pin 1 Out Version 2) Compact Series to PGA-44 SMT Adapter (1.27 mm pitch, 17.5 x 17.5 mm body)
revision 1.0
More results

Similar Description - PA0107C-P-R

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
Assmann Electronics Inc...
A-CCS44-G-R ASSMANN-A-CCS44-G-R Datasheet
268Kb / 1P
PLCC SOCKET 44 PIN, GOLD
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
PLCC SOCKET 44 PIN, TIN
A-CCS44-Z-SM-R ASSMANN-A-CCS44-Z-SM-R Datasheet
255Kb / 1P
PLCC SOCKET 44 PIN, TIN, SMT
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
logo
List of Unclassifed Man...
V0DDTD ETC2-V0DDTD Datasheet
109Kb / 2P
Compact 17.5 mm
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
44 pin PLCC socket/44 pin PLCC plug
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
44 pin QFP socket/44 pin QFP plug
logo
Aries Electronics, Inc.
18081 ARIES-18081 Datasheet
572Kb / 1P
44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com