Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0219C-P-R Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0219C-P-R
Description  PLCC-52/JLCC-52/LCC-52 (Pin 1 Out) Compact Series to PGA-52 SMT Adapter (1.27 mm pitch, 19 x 19 mm body)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0219C-P-R Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0219C-P-R Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0219C-P-R Datasheet HTML 2Page - Proto Advantage SMD Adapter PA0219C-P-R Datasheet HTML 3Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
PLCC-52/JLCC-52/LCC-52 (Pin 1 Out) Compact Series
to PGA-52 SMT Adapter (1.27 mm pitch, 19 x 19 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
16.75
A2
16.75
B
2.75
C
0.80
D
0.47
E
1.27
F
0.1
G
0.1
H
0.46
X
0.9
Y
0.9
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2021 Proto Advantage™
B
C
D
E
A
A2
PA0219C-P-R


Similar Part No. - PA0219C-P-R

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0219C-P PROTOADVANTAGE-PA0219C-P Datasheet
235Kb / 3P
PLCC-52/JLCC-52/LCC-52 (Pin 1 In) Compact Series to PGA-52 SMT Adapter (1.27 mm pitch, 19 x 19 mm body)
revision 1.0
More results

Similar Description - PA0219C-P-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CCS52-Z-R ASSMANN-A-CCS52-Z-R Datasheet
267Kb / 1P
PLCC SOCKET 52 PIN, TIN
logo
Fair-Rite Products Corp...
2952770301 FAIR-RITE-2952770301 Datasheet
591Kb / 5P
52 PC BEAD
2952776101 FAIR-RITE-2952776101 Datasheet
584Kb / 5P
52 PC BEAD
logo
ACCUTEK MICROCIRCUIT CO...
AK52D600-QFP ACCUTEK-AK52D600-QFP_13 Datasheet
946Kb / 5P
52 Pin to 56 Pin DIP Adapters
logo
List of Unclassifed Man...
HA52PL48DB ETC2-HA52PL48DB Datasheet
108Kb / 2P
52 PIN PLCC SOCKET ADAPTER
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
E-SWITCH
52-PV3F2B0NN214 E-SWITCH-52-PV3F2B0NN214 Datasheet
217Kb / 1P
52-PV3F2B0NN214
52-PV4F2B011324 E-SWITCH-52-PV4F2B011324 Datasheet
228Kb / 1P
52-PV4F2B011324
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
52/100-pin LQFP
2014-06-06
logo
E-SWITCH
PV5S64019 E-SWITCH-PV5S64019 Datasheet
161Kb / 1P
52-PV5S64019
8/5/2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com