Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2017 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2017
Description  SC2017 DATA SHEET N Female Open Circuit Connector Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2017 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2017 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2017 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 1.1 Page 1 of 2
Copyright © 2018
Mechanical Specifications
Configuration
Connector
N Female Non-Shorting
.
Mating Cycles
500 Cycles
.
Description
Material
Plating
Body
Brass
Nickel
Size
Length
0.688 in [17.48 mm]
.
Weight
0.04409 lbs [20 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
N Female Open Circuit Connector Cap from Fairview Microwave is in-stock and
available to ship same-day. All of our RF/microwave products are available off-
the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview
Microwave is RF on-demand.
For additional information on this product, please click the following link: N Female
Open Circuit Connector Cap SC2017
URL: https://www.fairviewmicrowave.com/n-female-open-circuit-connector-cap-
sc2017-p.aspx
SC2017
DATA SHEET
N Female Open Circuit Connector Cap
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com


Similar Part No. - SC2017

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC201 FUJI-SC201 Datasheet
70Kb / 3P
FAST RECOVERY DIODE
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2010C FAIRVIEW-SC2010C Datasheet
464Kb / 3P
N Male Open Circuit Connector Cap With 2.5 Inch Chain
REV 2.1
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
logo
Jinan Jing Heng Electro...
SC20120PT JINGHENG-SC20120PT Datasheet
760Kb / 5P
Silicon Carbide Schottky Diode
More results

Similar Description - SC2017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5500-2 PASTERNACK-PE5500-2 Datasheet
85Kb / 1P
OPEN CIRCUIT, 3.5mm FEMALE
PE6031 PASTERNACK-PE6031 Datasheet
229Kb / 2P
Shorting Dust Cap for N Female
PE6116 PASTERNACK-PE6116 Datasheet
229Kb / 2P
Non-Shorting Dust Cap for N Female
logo
Tyco Electronics
350780-1 MACOM-350780-1 Datasheet
106Kb / 1P
CAP,4 CIRCUIT, UNIVERSAL MATE-N-LOK
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
TE Connectivity Ltd
C-480305 TEC-C-480305 Datasheet
127Kb / 1P
CAP, COMMERCIAL MATE-N-LOK, 3 CIRCUIT
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
logo
Pasternack Enterprises,...
PE6116 PASTERNACK-PE6116_16 Datasheet
413Kb / 3P
N Female Non-Shorting Dust Cap
logo
ebm-papst
4600N-466 EBMPAPST-4600N-466 Datasheet
450Kb / 9P
Product Data Sheet 4600 N-466
06/30/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com