Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2103 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2103
Description  SMB Jack Open Circuit Connector Cap With 2.56 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2103 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2103 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2103 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2103 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2103 from Fairview Microwave is constructed with an
SMB connection and has a jack type. This SMB jack dust cap is designed as non-
shorting and the body is gold plated to ensure its durability. The non-shorting SMB
connector cap from Fairview Microwave is designed with a 2.56 inch chain and is
in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
SMB Jack Non-shorting
Chain Option
2.56 in Chain
.
.
Description
Material
Plating
Body
Brass
Gold
Chain
Passivated Stainless Steel
Size
Length
0.66 in [16.76 mm]
Width
0.28 in [7.11 mm]
.
Weight
0.01 lbs [4.54 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2103
DATA SHEET
SMB Jack Open Circuit Connector Cap With 2.56 Inch
Chain
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Gold Plated Body
• Chain Included
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2103

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2 MSYSTEM-SC210-11-M2 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/1 MSYSTEM-SC210-11-M2/1 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/300 MSYSTEM-SC210-11-M2/300 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210-11-M2/400 MSYSTEM-SC210-11-M2/400 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results

Similar Description - SC2103

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78750 AMPHENOL-78750 Datasheet
54Kb / 1P
TNC CAP WITH CHAIN
logo
Pasternack Enterprises,...
PE6125 PASTERNACK-PE6125 Datasheet
72Kb / 1P
75 OHM SMB CAP WITH CHAIN
PE6134 PASTERNACK-PE6134 Datasheet
459Kb / 2P
Shorting TNC Male With 4 Inch Chain Dust Cap
PE6121 PASTERNACK-PE6121 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMB Plug With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SMB Jack With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124 Datasheet
207Kb / 2P
Non-Shorting Dust Cap for SMC Jack With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121_16 Datasheet
428Kb / 3P
SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124_14 Datasheet
175Kb / 2P
SMC Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6125 PASTERNACK-PE6125_14 Datasheet
174Kb / 2P
75 Ohm SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com