Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM261...ZEJ Datasheet(PDF) 59 Page - Texas Instruments

Part # AM261...ZEJ
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJ Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM261...ZEJ Datasheet HTML 55Page - Texas Instruments AM261...ZEJ Datasheet HTML 56Page - Texas Instruments AM261...ZEJ Datasheet HTML 57Page - Texas Instruments AM261...ZEJ Datasheet HTML 58Page - Texas Instruments AM261...ZEJ Datasheet HTML 59Page - Texas Instruments AM261...ZEJ Datasheet HTML 60Page - Texas Instruments AM261...ZEJ Datasheet HTML 61Page - Texas Instruments AM261...ZEJ Datasheet HTML 62Page - Texas Instruments AM261...ZEJ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 218 page
background image
5.3.6 DAC
Table 5-16. DAC Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
DAC_OUT
-
DAC Output
T5
W4
T5
W6
DAC_VREF0 (1) (2)
-
DAC Voltage Reference 0
T13
U15
P13
V14
(1)
See the Layout Guidelines sections for details on connecting these pins.
(2)
This pin can be connected (shorted) to VDDA18_LDO.
5.3.7 EPWM
Table 5-17. EPWM0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM0_A
O
EPWM Output A
B2
B3
A4
B5
EPWM0_B
O
EPWM Output B
B1
C3
A5
A6
Table 5-18. EPWM1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM1_A
O
EPWM Output A
D3
A2
B4
A5
EPWM1_B
O
EPWM Output B
D2, E4
A3, D1
C1, C5
A4, B3
Table 5-19. EPWM2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM2_A
O
EPWM Output A
C2
B1
A3
A3
EPWM2_B
O
EPWM Output B
C1
B2
A2
B4
Table 5-20. EPWM3 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM3_A
O
EPWM Output A
E2
C1
B2
A2
EPWM3_B
O
EPWM Output B
E1, E3
C2, F2
C4, E3
B2, E3
Table 5-21. EPWM4 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM4_A
O
EPWM Output A
D1
D2
B1
B1
EPWM4_B
O
EPWM Output B
D2, E4
A3, D1
C1, C5
A4, B3
Table 5-22. EPWM5 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
EPWM5_A
O
EPWM Output A
F2
E2
C2
C2
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com