Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 159 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 159 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 155Page - Texas Instruments DRA752ABC Datasheet HTML 156Page - Texas Instruments DRA752ABC Datasheet HTML 157Page - Texas Instruments DRA752ABC Datasheet HTML 158Page - Texas Instruments DRA752ABC Datasheet HTML 159Page - Texas Instruments DRA752ABC Datasheet HTML 160Page - Texas Instruments DRA752ABC Datasheet HTML 161Page - Texas Instruments DRA752ABC Datasheet HTML 162Page - Texas Instruments DRA752ABC Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 443 page
background image
159
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
McSPI2
SPI2_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI2_FCLK
Func
48
PER_48M_GFCLK
PER_48M_GFCLK
DPLL_PER
McSPI3
SPI3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI3_FCLK
Func
48
PER_48M_GFCLK
PER_48M_GFCLK
DPLL_PER
McSPI4
SPI4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI4_FCLK
Func
48
PER_48M_GFCLK
PER_48M_GFCLK
DPLL_PER
MLB_SS
MLB_L3_ICLK
Int
266
MLB_SHB_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MLB_L4_ICLK
Int
133
MLB_SPB_L4_GICLK
CORE_X2_CLK
DPLL_CORE
MLB_FCLK
Func
266
MLB_SYS_L3_GFCLK
CORE_X2_CLK
DPLL_CORE
MMC1
MMC1_CLK_32K
Func
0.032
L3INIT_32K_GFCLK
FUNC_32K_CLK
OSC1
MMC1_FCLK
Func
192
MMC1_GFCLK
FUNC_192M_CLK
DPLL_PER
128
FUNC_256M_CLK
DPLL_PER
MMC1_ICLK1
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMC1_ICLK2
Int
133
L3INIT_L4_GICLK
CORE_X2_CLK
DPLL_CORE
MMC2
MMC2_CLK_32K
Func
0.032
L3INIT_32K_GFCLK
FUNC_32K_CLK
OSC1
MMC2_FCLK
Func
192
MMC2_GFCLK
FUNC_192M_CLK
DPLL_PER
128
FUNC_256M_CLK
DPLL_PER
MMC2_ICLK1
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMC2_ICLK2
Int
133
L3INIT_L4_GICLK
CORE_X2_CLK
DPLL_CORE
MMC3
MMC3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMC3_CLK_32K
Func
0.032
L4PER_32K_GFCLK
FUNC_32K_CLK
OSC1
MMC3_FCLK
Func
48
MMC3_GFCLK
FUNC_192M_CLK
DPLL_PER
192
MMC4
MMC4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMC4_CLK_32K
Func
0.032
L4PER_32K_GFCLK
FUNC_32K_CLK
OSC1
MMC4_FCLK
Func
48
MMC4_GFCLK
FUNC_192M_CLK
DPLL_PER
192
MMU_EDMA
MMU1_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMU_PCIESS
MMU2_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MPU
MPU_CLK
Int &
Func
MPU_CLK
MPU_GCLK
MPU_GCLK
DPLL_MPU
MPU_EMU_DBG
FCLK
Int
38.4
EMU_SYS_CLK
SYS_CLK1
OSC1
MPU_GCLK
DPLL_MPU
OCMC_RAM1
OCMC1_L3_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
OCMC_RAM2
OCMC2_L3_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
OCMC_RAM3
OCMC3_L3_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
OCMC_ROM
OCMC_L3_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
OCP_WP_NOC
PICLKOCPL3
Int
266
L3INSTR_L3_GICLK
CORE_X2_CLK
DPLL_CORE
OCP2SCP1
L4CFG1_ADAPTE
R_CLKIN
Int
133
L3INIT_L4_GICLK
CORE_X2_CLK
DPLL_CORE
OCP2SCP2
L4CFG2_ADAPTE
R_CLKIN
Int
133
L4CFG_L4_GICLK
CORE_X2_CLK
DPLL_CORE
OCP2SCP3
L4CFG3_ADAPTE
R_CLKIN
Int
133
L3INIT_L4_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com