Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 10 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 6Page - Texas Instruments DRA752ABC Datasheet HTML 7Page - Texas Instruments DRA752ABC Datasheet HTML 8Page - Texas Instruments DRA752ABC Datasheet HTML 9Page - Texas Instruments DRA752ABC Datasheet HTML 10Page - Texas Instruments DRA752ABC Datasheet HTML 11Page - Texas Instruments DRA752ABC Datasheet HTML 12Page - Texas Instruments DRA752ABC Datasheet HTML 13Page - Texas Instruments DRA752ABC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 443 page
background image
10
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Terminal Assignment
Figure 4-1 shows the ball locations for the 760 plastic ball grid array (PBGA) package and are used in
conjunction with Table 4-2 through Table 4-34 to locate signal names and ball grid numbers.
Figure 4-1. ABC S-PBGA-N760 Package (Bottom View)
NOTE
The following bottom balls are not connected: AF7 / AF10 / AF13 / AF16 / AF19 / AE4 /
AE25 / AB26 / W3 / W26 / T3 / T26 / N3 / N26 / K3 / K26 / G3 / D4 / D25 / C10 / C13 / C16 /
C19 / C22.
These balls do not exist on the package.
4.1.1
Unused Balls Connection Requirements
This section describes the Unused/Reserved balls connection requirements.
NOTE
The following balls are reserved: A27 / K14 / Y5 / Y10 / B28
These balls must be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.4, Signal Descriptions.
Table 4-1. Unused Balls Specific Connection Requirements
BALLS
CONNECTION REQUIREMENTS
AE15 / AC15 / AE14 / D20 / AD17 / AC17 / AC16 / AB16 / V27 /
AH25 / AE27 / AD27 / Y28 / G28 / H27 / K27 / M28
These balls must be connected to GND through an external pull
resistor if unused
E20 / D21 / E23 / C20 / C21 / V28 / F18 / AG25 / AE28 / AD28 / Y27
/ G27 / H28 / K28 / M27 / F17 / C25
These balls must be connected to the corresponding power supply
through an external pull resistor if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com