Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 199 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 199 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 195Page - Texas Instruments DRA752ABC Datasheet HTML 196Page - Texas Instruments DRA752ABC Datasheet HTML 197Page - Texas Instruments DRA752ABC Datasheet HTML 198Page - Texas Instruments DRA752ABC Datasheet HTML 199Page - Texas Instruments DRA752ABC Datasheet HTML 200Page - Texas Instruments DRA752ABC Datasheet HTML 201Page - Texas Instruments DRA752ABC Datasheet HTML 202Page - Texas Instruments DRA752ABC Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 443 page
background image
199
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-12. DPLL Control Type (continued)
DPLL NAME
TYPE
CONTROLLED BY PRCM
DPLL_DEBUGSS
Table 6-13 (Type A)
No(2)
DPLL_DSP
Table 6-13 (Type A)
Yes(1)
DPLL_EVE
Table 6-13 (Type A)
Yes(1)
DPLL_GMAC
Table 6-13 (Type A)
Yes(1)
DPLL_HDMI
Table 6-14 (Type B)
No(2)
DPLL_IVA
Table 6-13 (Type A)
Yes(1)
DPLL_MPU
Table 6-13 (Type A)
Yes(1)
DPLL_PER
Table 6-13 (Type A)
Yes(1)
APLL_PCIE
Table 6-13 (Type A)
Yes(1)
DPLL_PCIE_REF
Table 6-14 (Type B)
Yes(1)
DPLL_SATA
Table 6-14 (Type B)
No(2)
DPLL_USB
Table 6-14 (Type B)
Yes(1)
DPLL_USB_OTG_SS
Table 6-14 (Type B)
No(2)
DPLL_VIDEO1
Table 6-13 (Type A)
No(2)
DPLL_VIDEO2
Table 6-13 (Type A)
No(2)
DPLL_DDR
Table 6-13 (Type A)
Yes(1)
DPLL_GPU
Table 6-13 (Type A)
Yes(1)
(1) DPLL is in the always-on domain.
(2) DPLL is not controlled by the PRCM.
Table 6-13 and Table 6-14 summarize the DPLL characteristics and assume testing over recommended
operating conditions.
Table 6-13. DPLL Type A Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input frequency
0.032
52
MHz
FINP
finternal
Internal reference frequency
0.15
52
MHz
REFCLK
fCLKINPHIF
CLKINPHIF input frequency
10
1400
MHz
FINPHIF
fCLKINPULOW
CLKINPULOW input frequency
0.001
600
MHz
Bypass mode: fCLKOUT =
fCLKINPULOW / (M1 + 1) if
ulowclken = 1(6)
fCLKOUT
CLKOUT output frequency
20(1)
1800(2)
MHz
[M / (N + 1)] × FINP × [1 / M2]
(in locked condition)
fCLKOUTx2
CLKOUTx2 output frequency
40(1)
2200(2)
MHz
2 × [M / (N + 1)] × FINP × [1 /
M2] (in locked condition)
fCLKOUTHIF
CLKOUTHIF output frequency
20(3)
1400(4)
MHz
FINPHIF / M3 if clkinphifsel = 1
40(3)
2200(4)
MHz
2 × [M / (N + 1)] × FINP × [1 /
M3] if clkinphifsel = 0
fCLKDCOLDO
DCOCLKLDO output
frequency
40
2800
MHz
2 × [M / (N + 1)] × FINP (in
locked condition)
tlock
Frequency lock time
6 + 350 ×
REFCLK
µs
plock
Phase lock time
6 + 500 ×
REFCLK
µs
trelock-L
Relock time—Frequency
lock(5) (LP relock time from
bypass)
6 + 70 ×
REFCLK
µs
DPLL in LP relock time:
lowcurrstdby = 1
prelock-L
Relock time—Phase lock(5)
(LP relock time from bypass)
6 + 120 ×
REFCLK
µs
DPLL in LP relock time:
lowcurrstdby = 1
trelock-F
Relock time—Frequency
lock(5) (fast relock time from
bypass)
3.55 + 70 ×
REFCLK
µs
DPLL in fast relock time:
lowcurrstdby = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com