Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA752ABC Datasheet(PDF) 131 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 131 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 127Page - Texas Instruments DRA752ABC Datasheet HTML 128Page - Texas Instruments DRA752ABC Datasheet HTML 129Page - Texas Instruments DRA752ABC Datasheet HTML 130Page - Texas Instruments DRA752ABC Datasheet HTML 131Page - Texas Instruments DRA752ABC Datasheet HTML 132Page - Texas Instruments DRA752ABC Datasheet HTML 133Page - Texas Instruments DRA752ABC Datasheet HTML 134Page - Texas Instruments DRA752ABC Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 443 page
background image
131
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
(1) gpio8_30 is multiplexed with EMU0 and gpio8_31 is multiplexed with EMU1. These pins will be sampled at reset release by the test and
emulation logic. Therefore, if they are used as GPIO pins, they must return to the high state whenever the device enters reset. This can
be controlled by logic driven from rstoutn. After the device exits reset (indicated by rstoutn rising), these can return to GPIO mode.
4.4.21 Keyboard controller (KBD)
NOTE
For more information, see Keyboard Controller section of the device TRM.
Table 4-24. Keyboard Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
kbd_row0
Keypad row 0
I
AD9/ E1
kbd_row1
Keypad row 1
I
AF9/ G2
kbd_row2
Keypad row 2
I
AG4/ G1
kbd_row3
Keypad row 3
I
AG2/ G6
kbd_row4
Keypad row 4
I
AG3/ F2
kbd_row5
Keypad row 5
I
AG5/ F3
kbd_row6
Keypad row 6
I
AF2/ D1
kbd_row7
Keypad row 7
I
AF6/ F6
kbd_row8
Keypad row 8
I
AF3/ C2
kbd_col0
Keypad column 0
O
AF4/ E2
kbd_col1
Keypad column 1
O
AF1/ D2
kbd_col2
Keypad column 2
O
AE3/ F4
kbd_col3
Keypad column 3
O
AE5/ C1
kbd_col4
Keypad column 4
O
AE1/ E4
kbd_col5
Keypad column 5
O
AE2/ F5
kbd_col6
Keypad column 6
O
AE6/ E6
kbd_col7
Keypad column 7
O
AD2/ D3
kbd_col8
Keypad column 8
O
AD3/ D5
4.4.22 Pulse Width Modulation (PWM) Interface
NOTE
For more information, see the Pulse-Width Modulation (PWM) SS section of the device TRM.
Table 4-25. PWM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS1
eQEP1A_in
EQEP1 Quadrature Input A
I
E1 / AD9
eQEP1B_in
EQEP1 Quadrature Input B
I
G2 / AF9
eQEP1_index
EQEP1 Index Input
IO
AE9 / H7
eQEP1_strobe
EQEP1 Strobe Input
IO
G1 / AF8
ehrpwm1A
EHRPWM1 Output A
O
AE8 / G6
ehrpwm1B
EHRPWM1 Output B
O
AD8 / F2
ehrpwm1_tripzone_in
put
EHRPWM1 Trip Zone Input
IO
AG7 / F3
eCAP1_in_PWM1_out ECAP1 Capture Input / PWM Output
IO
AH6 / D1
ehrpwm1_synci
EHRPWM1 Sync Input
I
AH3 / E2
ehrpwm1_synco
EHRPWM1 Sync Output
O
AH5 / D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com