| Electronic Components Datasheet Search |
|
RES31A20DDFR Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RES31A20DDFR Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 50 page ![]() Multiplication of the tERR effective error by the desired process control value, such as × 6 for a six-sigma approach, gives conservative maximum bounds. Because the ±1σ values reported in Electrical Characteristics already include guardbanding and account for mean shifts, in many cases a lower process control value (such as five-sigma) is sufficient. For example, solving the previous expressions for CMRR yields only 78.3dB, whereas the actual typical CMRR for the RES31A25 is 89.1dB. The discrepancy arises because the ATE measurement resolution of tD1, tD2, tM, and CMRR is higher than that of tD2D and tE2E, and therefore the reported typical values of the latter parameters include additional guardbanding. Additionally, the conservative modeling approach assumes tD2D, tE2E, and tD2 are uncorrelated, whereas for many devices there are weak correlations (such as tD2D and tE2E having different polarities) that cause the actual observed error to be lower than the modeled error. 8.1.4 Discrete Instrumentation Amplifiers The RES31A can be used in conjunction with a dual-channel operational amplifier to implement a discrete instrumentation amplifier (INA). The ratiometric matching between the two resistor dividers improves CMRR performance for the circuit when compared to a similar implementation using unmatched discrete resistors, and results in better overtemperature and overaging gain drift characteristics. INAs are often used instead of difference amplifiers when high input impedance and low bias currents are needed, such as when measuring bridge sensors. Discrete INAs are often configured as a differential-input differential-output circuit as shown in Figure 8-7. While not shown, if needed, use an additional discrete difference amplifier stage (requiring a second RES31A and another op-amp channel) to convert the differential output voltage to a single-ended voltage (for example, when driving a single-ended ADC). This extra stage can also add an additional offset and provide additional gain, effectively mimicking the common three-amplifier INA architecture. VOUT+−VOUT−= VIN+−VIN− × 1+ RGRIN (62) V IN+ ADC RES31A + – OPA392 V IN– R G2 R IN1 R G1 R IN2 V OUT– + – OPA392 V OUT+ Figure 8-7. Differential-Input, Differential-Output Instrumentation Amplifier Using the RES31A Less commonly, a discrete INA can be implemented as a differential-input, single-ended output circuit as shown in Figure 8-8. This topology maintains high input impedances, allows an offset to be applied, and gives a single-ended output without requiring a third amplifier channel. The offset must be driven by a low-impedance source, such as a reference buffer. When designing a discrete INA, carefully consider the output swing and input common-mode range limitations of the amplifiers used in the circuit design process. VOUT= VIN+−VIN− × 1+ RGRIN +VREF (63) www.ti.com RES31A SLVSKC6 – DECEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 29 Product Folder Links: RES31A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |