Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F124JB Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB95F124JB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F124JB Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB95F124JB Datasheet HTML 9Page - fujitsu semiconductor MB95F124JB Datasheet HTML 10Page - fujitsu semiconductor MB95F124JB Datasheet HTML 11Page - fujitsu semiconductor MB95F124JB Datasheet HTML 12Page - fujitsu semiconductor MB95F124JB Datasheet HTML 13Page - fujitsu semiconductor MB95F124JB Datasheet HTML 14Page - fujitsu semiconductor MB95F124JB Datasheet HTML 15Page - fujitsu semiconductor MB95F124JB Datasheet HTML 16Page - fujitsu semiconductor MB95F124JB Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
MB95120MB Series
13
(Continued)
*1 : FPT-100P-M20
*2 : FPT-100P-M06
*3 : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
77
80
PC4/SEG12
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG08 to
SEG12) .
78
81
PC3/SEG11
79
82
PC2/SEG10
80
83
PC1/SEG09
81
84
PC0/SEG08
82
85
PB7/SEG07
M
General-purpose I/O port
The pins are shared with LCDC SEG output (SEG00 to
SEG07) .
83
86
PB6/SEG06
84
87
PB5/SEG05
85
88
PB4/SEG04
86
89
PB3/SEG03
87
90
PB2/SEG02
88
91
PB1/SEG01
89
92
PB0/SEG00
90
93
PA3/COM3
M
General-purpose I/O port
The pins are shared with LCDC COM output (COM0 to
COM3) .
91
94
PA2/COM2
92
95
PA1/COM1
93
96
PA0/COM0
94
97
P95
M
General-purpose I/O port
95
98
P94
96
99
P93/V0
R
General-purpose I/O port
The pins are shared with power supply pins for LCDC
drive.
97
100
P92/V1
98
1
P91/V2
99
2
P90/V3
100
3
VCC
⎯
Power supply pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com