Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC123 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC123 Datasheet(HTML) 3 Page - STMicroelectronics

  HC123 Datasheet HTML 1Page - STMicroelectronics HC123 Datasheet HTML 2Page - STMicroelectronics HC123 Datasheet HTML 3Page - STMicroelectronics HC123 Datasheet HTML 4Page - STMicroelectronics HC123 Datasheet HTML 5Page - STMicroelectronics HC123 Datasheet HTML 6Page - STMicroelectronics HC123 Datasheet HTML 7Page - STMicroelectronics HC123 Datasheet HTML 8Page - STMicroelectronics HC123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLOCK DIAGRAM
Note :
(1) Cx, Rx, Dx are external components.
(2) Dx is a clamping diode.
The external capacitor is charged to VCC inthe stand-by state, i.e. no trigger. When the supply voltage is turned off Cx is discharged mainly
through an internal parasitic diode (see figures). If Cx is sufficiently large and VCC decreases rapidy, there will be some possibility of da-
maging the I.C. with a surge current or latch-up. If the voltage supply filter capacitor is large enough and VCC decrease slowly, the surge
current is automatically limited and damage the I.C. is avoided. The maximum forward current of the parasitic diode is approximately 20
mA. In cases where Cx is large the time taken for the supply voltage to fall to 0.4 VCC can be calculated as follows :
tf
≥ (VCC –0.7) ⋅ Cx/20mA
In cases where tf is too short an external clamping diode is required to protect the I.C. from the surge current.
FUNCTIONAL DESCRIPTION
STAND-BY STATE
The external capacitor, Cx, is fully charged to VCC
in the stand-by state. Hence, before triggering, tran-
sistor Qp and Qn (connected to the Rx/Cx node) are
both turned-off. The two comparators that control
the timing and the two reference voltage sources
stop operating. The total supply current is therefore
only leakage current.
TRIGGER OPERATION
Triggering occurs when :
1 st) A is ”low” and B has a falling edge ;
2 nd) B is ”high” and A has a rising edge ;
3 rd) A is low and B is high and C1 has a rising edge.
After the multivibrator has been retriggered com-
parator C1 and C2 start operating and Qn is turned
on. Cx then discharges through Qn. The voltage at
the node R/C external falls.
When it reaches VREFL the output of comparator C1
becomes low. This in turn resets the flip-flop and Qn
is turned off.
At this point C1 stops functioning but C2 continues
to operate.
The voltage at R/C external begins to rise with a time
constant set by the external components Rx, Cx.
Triggering the multivibrator causes Q to go high after
internal delay due to the flip-flop and the gate. Q re-
mains high until the voltage at R/C external rises
again to VREFH. At this point C2 output goes low and
O goes low. C2 stop operating. That means that
after triggering when the voltage R/C external re-
turns to VREFH the multivibrator has returned to its
MONOSTABLE STATE. In the case where Rx
⋅ Cx
are large enough and the discharge time of the ca-
pacitor and the delay time in the I.C. can be ignored,
the width of the output pulse tw (out) is as follows :
tW(OUT) = 0.46 Cx
⋅ Rx (HC123)
tW(OUT) =Cx
⋅ Rx (HC123A)
M54/M74HC123/123A
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com