Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0700461908708 Datasheet(PDF) 15 Page - Pycom

Part # 0700461908708
Description  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908708 Datasheet(HTML) 15 Page - Pycom

Back Button 0700461908708 Datasheet HTML 11Page - Pycom 0700461908708 Datasheet HTML 12Page - Pycom 0700461908708 Datasheet HTML 13Page - Pycom 0700461908708 Datasheet HTML 14Page - Pycom 0700461908708 Datasheet HTML 15Page - Pycom 0700461908708 Datasheet HTML 16Page - Pycom 0700461908708 Datasheet HTML 17Page - Pycom 0700461908708 Datasheet HTML 18Page - Pycom 0700461908708 Datasheet HTML 19Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
Table 13 – Transmitter (enhanced data rate) specifications
13.2.5 Transmitter – Enhanced Data Rate
Parameter
Min
Typ.
Max
Unit
RF transmit power
0
dBm
Gain control step
±3
dBm
RF power control range
–12
+12
dBm
π/4 DQPSK max w0
–0.72
KHz
π/4 DQPSK max wi
–6
KHz
π/4 DQPSK max |wi + w0|
–7.42
KHz
8DPSK max w0
0.7
KHz
8DPSK max wi
–9.6
KHz
8DPSK max |wi + w0|
–10
KHz
π/4 DQPSK modulation accuracy
RMS DEVM
4.28
%
99% DEVM
30
%
Peak DEVM
13.3
%
8 DPSK modulation accuracy
RMS DEVM
5.8
%
99% DEVM
20
%
Peak DEVM
14
%
In–band spurious emissions
F = F0 + 1MHz
–34
dBm
F = F0 – 1MHz
–40.2
dBm
F = F0 + 2MHz
–34
dBm
F = F0 – 2MHz
–36
dBm
F = F0 + 3MHz
–38
dBm
F = F0 – 3MHz
–40.3
dBm
F = F0 ± >3MHz
–41.5
dBm
EDR differential phase coding
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com