Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43560 Datasheet(PDF) 3 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 3 Page - EPCOS

  B43560 Datasheet HTML 1Page - EPCOS B43560 Datasheet HTML 2Page - EPCOS B43560 Datasheet HTML 3Page - EPCOS B43560 Datasheet HTML 4Page - EPCOS B43560 Datasheet HTML 5Page - EPCOS B43560 Datasheet HTML 6Page - EPCOS B43560 Datasheet HTML 7Page - EPCOS B43560 Datasheet HTML 8Page - EPCOS B43560 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
152 10/02
Compact – 105 °C
B43560 / B43580
Dimensional drawings
Type B43560
Type B43580
Ring clip/clamp mounting
Threaded stud mounting
Positive pole marking: +
The base of all types with threaded stud and
d = 91 mm is fully insulated (the lengths l and l1 are
increased by 0,5 mm in these cases). For types with threaded stud and
d
≤ 76 mm the base is not
insulated. Also refer to the notes on mounting given on page 168.
Dimensions and weights
Dimensions are also valid for 2-pad solution and low-inductance design.
Packing (For ecological reasons the packing is pure cardboard.)
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
wt. (g)
dI
± 1
I1 ± 1
I2
+ 0
l3
d1
d2 max d3 max a
+ 0,2
– 1
– 0,4
M 5
M 5
M 5
64,3+ 0/– 0,8
64,3+ 0/– 0,8
64,3+ 0/– 0,8
105,7
130,7
143,2
112,2
137,2
149,7
17
17
17
7,0+ 0,2/– 1
7,0+ 0,2/– 1
7,0+ 0,2/– 1
M 12
M 12
M 12
8,2
8,2
8,2
13,5
13,5
13,5
28,5
28,5
28,5
440
570
640
M 6
M 6
M 6
M 6
M 6
76,9+ 0/– 0,7
76,9+ 0/– 0,7
76,9+ 0/– 0,7
76,9+ 0/– 0,7
76,9+ 0/– 0,7
105,7
130,7
143,2
168,7
220,7
111,5
136,5
149,0
174,5
226,5
17
17
17
17
17
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
M 12
M 12
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
31,7
31,7
540
750
840
1000
1300
M 6
M 6
M 6
M 6
91,0+ 0/– 2
91,0+ 0/– 2
91,0+ 0/– 2
91,0+ 0/– 2
144,5
170,0
191,0
221,0
149,8
175,3
196,3
226,3
17
17
17
17
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
6,4+ 1,1/– 0,8
M 12
M 12
M 12
M 12
17,7
17,7
17,7
17,7
17,7
17,7
17,7
17,7
31,7
31,7
31,7
31,7
1200
1500
1700
1900
Capacitor diameter
d
Packing units (pieces)
64,3 mm
76,9 mm
91,0 mm
15
12
8
M5: min. reach of screw = 8 mm
M6: min. reach of screw = 12 mm*)
*) 8 mm for low-inductance design



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com