Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2104LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2104LP
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2104LP Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2104LP Datasheet HTML 1Page - Diodes Incorporated DMP2104LP Datasheet HTML 2Page - Diodes Incorporated DMP2104LP Datasheet HTML 3Page - Diodes Incorporated DMP2104LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMP2104LP
Fig.1 Typical Output Characteristics
-V , DRAIN-SOURCE VOLTAGE(V)
DS
V
= -10V
DS
T = 125°C
A
T = 25°C
A
T = -55°C
A
I = 1.0A
D
V
= -2.5V
GS
V
= -4.5V
GS
V
= -1.8V
GS
0.00
0.10
0.20
0.30
01
2
3
4
5
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
V
= -4.5V
GS
0
100
200
300
400
500
600
02
4
6
8
10
12
14 16
18 20
DMP2104LP
Document number: DS31091 Rev. 6 - 2
2 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com