Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 37Page - STMicroelectronics L6711 Datasheet HTML 38Page - STMicroelectronics L6711 Datasheet HTML 39Page - STMicroelectronics L6711 Datasheet HTML 40Page - STMicroelectronics L6711 Datasheet HTML 41Page - STMicroelectronics L6711 Datasheet HTML 42Page - STMicroelectronics L6711 Datasheet HTML 43Page - STMicroelectronics L6711 Datasheet HTML 44Page - STMicroelectronics L6711 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
L6711
System control loop compensation
41/50
17
System control loop compensation
The control loop is composed by the Current Sharing control loop and the Average Current
Mode control loop. Each loop gives, with a proper gain, the correction to the PWM in order
to minimize the error in its regulation: the Current Sharing control loop equalize the currents
in the inductors while the Average Current Mode control loop fixes the output voltage equal
to the reference programmed by VID. Figure 21 shows the block diagram of the system
control loop.
Figure 21.
Main control loop diagram
The average current mode control loop is reported in Figure 22. The current information IFB
sourced by the FB pin flows into RFB implementing the dependence of the output voltage
from the read current.
The system can be modeled with an equivalent single phase converter which only
difference is the equivalent inductor L/3 (where each phase has an L inductor).The ACM
control loop gain results (obtained opening the loop after the COMP pin):
Where:
●
RSENSE is the mosfet RdsON or the Inductor DCR depending on the sensing element
selected;
●
is the equivalent output resistance determined by droop;
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR)
and the applied load Ro;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the parallel of the three inductor impedance;
●
A(s) is the error amplifier gain;
C
O
M
P
V
ID
FB
R
F
B
4/5
ZF(s)
E
R
R
O
RA
M
PLIFIER
P
W
M
3
P
W
M
1
C
U
R
R
E
N
T
SH
AR
IN
G
D
U
T
YC
Y
C
LE
C
O
R
R
E
C
TIO
N
C
o
R
o
L3
L1
P
W
M
2
L2
1/5
1/5
1/5
IINFO1
IINFO2
IINFO3
IFB
G
L OOP s
()
PWM Z
F s
() R
D ROOP
Z
P s
()
+
()
⋅
⋅
Z
P s
() Z
L s
()
+
()
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞ R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------
–
=
R
D ROOP
R
SEN SE
Rg
--------------------- RFB
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com