Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6711TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6711TR
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 3Page - STMicroelectronics L6711TR Datasheet HTML 4Page - STMicroelectronics L6711TR Datasheet HTML 5Page - STMicroelectronics L6711TR Datasheet HTML 6Page - STMicroelectronics L6711TR Datasheet HTML 7Page - STMicroelectronics L6711TR Datasheet HTML 8Page - STMicroelectronics L6711TR Datasheet HTML 9Page - STMicroelectronics L6711TR Datasheet HTML 10Page - STMicroelectronics L6711TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
L6711
Pins description and connection diagrams
7/50
2
Pins description and connection diagrams
2.1
Pin descriptions
Figure 4.
Pins connection (top view)
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
36 35 34 33 32 31 30 29 28 27 26 25
123456789
10 11 12
OUTEN
CS1-
CS1+
CS2-
CS2+
CS3-
CS3+
TC
CS_SEL
OSC / FAULT
VID5
VID0
N.C.
PHASE1
UGATE1
BOOT1
BOOT2
UGATE2
PHASE2
VCCDR2
LGATE2
PGND2
VCCDR3
N.C.
L6711
Table 1.
Pins description
N°
Name
Description
1
VCCDR1
Channel 1 LS driver supply: it can be varied from 5V to 12V buses.
It must be connected together with other VCCDRx pins.
Filter locally with at least 1
µF ceramic cap vs. PGND1.
2LGATE1
Channel 1 LS driver output.
A little series resistor helps in reducing device-dissipated power.
3
PGND1
Channel 1 LS driver return path.
Connect to Power Ground Plane.
4VCC
Device supply voltage. The operative supply voltage is 12V ±15%.
Filter with 1
µF capacitor (Typ.) vs. SGND.
5
SGND
All the internal references are referred to this pin. Connect it to the PCB signal ground.
6
OFFSET
Offset programming pin, internally fixed at 1.240V.
Short to SGND to disable the offset generation or connect through a resistor ROFFSET to
SGND to program an offset (positive or negative, depending on TC status) to the regulated
output voltage as reported in the relative section.
7COMP
This pin is connected to the error amplifier output and is used to compensate the control
feedback loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com