Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74194 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74194
Description  4 BIT PIPO SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74194 Datasheet(HTML) 1 Page - STMicroelectronics

  74194 Datasheet HTML 1Page - STMicroelectronics 74194 Datasheet HTML 2Page - STMicroelectronics 74194 Datasheet HTML 3Page - STMicroelectronics 74194 Datasheet HTML 4Page - STMicroelectronics 74194 Datasheet HTML 5Page - STMicroelectronics 74194 Datasheet HTML 6Page - STMicroelectronics 74194 Datasheet HTML 7Page - STMicroelectronics 74194 Datasheet HTML 8Page - STMicroelectronics 74194 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC194
M74HC194
October 1992
4 BIT PIPO SHIFT REGISTER
B1R
(Plastic Package)
ORDER CODES :
M54HC194F1R
M74HC194M1R
M74HC194B1R
M74HC194C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 12 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS194
The M54/74HC194 is a high speed CMOS 4 BIT PIPO
SHIFT REGISTER fabricated in silicon gate C
2MOS
technology. It has the same high speed performance
of LSTTL combined with true CMOS low power con-
sumption. This SHIFT REGISTER is designed to in-
corporate virtually all of the features a system designer
may want in a shift register. It features parallel inputs,
parallel outputs, right shift and left shift serial inputs,
clear line. The register has four distinct modes of oper-
ation : PARALLEL (broadside) LOAD ; SHIFT RIGHT
(in the direction QA QD); SHIFT LEFT ; INHIBIT
CLOCK (do nothing). Synchronous parallel loading is
accomplished by applying the four data bits and taking
both mode control inputs, S0 and S1 high. The data
are loaded into their respective flip-flops and appear
at the outputs after the positive transition of the
CLOCK input. During loading, serial data flow is in-
hibited. Shift right is accomplished synchronously with
the rising edge of the clock pulse when S0 is high and
S1 is low. Serial data for this mode is entered at the
SHIFT RIGHT data input. When S0 is low and S1 is
high,data shifts left synchronously and new data is en-
tered at the SHIFT LEFT serial input. Clocking of the
flipflops is inhibited when both mode control inputs are
low. The mode control inputs should be changed only
when the CLOCK input is high. All inputs are equipped
with protection circuits against static discharge and
transient excess voltage.
1/12


Similar Part No. - 74194

ManufacturerPart #DatasheetDescription
logo
Myrra
74194 MYRRA-74194 Datasheet
128Kb / 1P
DIMMER CHOKES FOR EMI SUPPRESSION
More results

Similar Description - 74194

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
M54HC195 STMICROELECTRONICS-M54HC195 Datasheet
264Kb / 13P
8 BIT PIPO SHIFT REGISTER
Oct-1992
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
8-Bit PIPO Shift Register with Asynchronous Clear
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
logo
STMicroelectronics
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74LVQ299 STMICROELECTRONICS-74LVQ299 Datasheet
456Kb / 15P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
29-Jul-2004
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com