Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # MCT2
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

MCT2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  MCT2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd MCT2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No:PDS-ELST-117 Rev. 2
April
1, 2008
TIL11X Series
MCT2X Series
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current (t = 10µs)
IFM
1
A
Reverse voltage
VR
6
V
70
mW
Input
Power dissipation
Derating factor (above 100°C)
PD
3.8
mW/°C
150
mW
Collector power dissipation
Derating factor (above 100°C)
PC
9.0
mW/°C
Collector-Emitter voltage
VCEO
80
V
Collector-Base voltage
VCBO
80
V
Output
Emitter-Collector voltage
VECO
7
V
Total power dissipation
Ptot
200
mW
Isolation voltage
*2
Viso
5000
Vrms
Operating temperature
Topr
-55~+110
°C
Storage temperature
Tstg
-55~+125
°C
Soldering temperature
*3
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com