Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3044 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC3044
Description  SMA Male Connector Solder (Without Contact) Attachment For RG402, RG402 Tinned, .141 SR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC3044 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC3044 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC3044 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC3044 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
SMA male connector with solder (without contact) attachment for RG402, RG402
Tinned and .141 SR, part number SC3044, from Fairview Microwave is in-stock and
ships same day. This SMA male connector operates up to a maximum frequency
of 18 GHz and offers good VSWR of 1.3:1.
Fairview’s SMA male connector SC3044 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
0.33 in [8.38 mm]
Width/Dia.
0.312 in [7.92 mm]
Height
0.312 in [7.92 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
.
Description
Material
Plating
Body
Stainless Steel
Gold
MIL-G-45204
Coupling Nut
Passivated Stainless Steel
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC3044
DATA SHEET
SMA Male Connector Solder (Without Contact)
Attachment For RG402, RG402 Tinned, .141 SR Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG402, RG402 Tinned, .141 SR
Interface Type
• Solder (Without Contact) Attach-
ment
• 5/16 inch Hex
Features:
• Operating Frequency
of 18 GHz Max.
• Good VSWR of 1.3:1
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SC3044

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3044B RFM-SC3044B Datasheet
130Kb / 2P
251.00 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3044B MURATA-SC3044B Datasheet
79Kb / 2P
251.00 MHz Differential Sine-Wave Clock
More results

Similar Description - SC3044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4007 PASTERNACK-PE4007 Datasheet
298Kb / 2P
SMA Male Connector Solder (Without Contact) Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4007 PASTERNACK-PE4007_16 Datasheet
390Kb / 4P
SMA Male Connector Solder (Without Contact) Attachment
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
PE3C1015-36 PASTERNACK-PE3C1015-36 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using Tinned RG402 Coax
PE3C1015-60 PASTERNACK-PE3C1015-60 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 60 InchLength Using Tinned RG402 Coax
PE3C1015-72 PASTERNACK-PE3C1015-72 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 72 InchLength Using Tinned RG402 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com