Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC244 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC244
Description  HC240: INVERTED - HC241/244 NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC244 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC244 Datasheet HTML 1Page - STMicroelectronics M54HC244 Datasheet HTML 2Page - STMicroelectronics M54HC244 Datasheet HTML 3Page - STMicroelectronics M54HC244 Datasheet HTML 4Page - STMicroelectronics M54HC244 Datasheet HTML 5Page - STMicroelectronics M54HC244 Datasheet HTML 6Page - STMicroelectronics M54HC244 Datasheet HTML 7Page - STMicroelectronics M54HC244 Datasheet HTML 8Page - STMicroelectronics M54HC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 35
mA
ICC or IGND
DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
M54HC Series
M74HC Series
-55 to +125
-40 to +85
oC
oC
tr,tf
Input Rise and Fall Time
VCC = 2 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
VCC = 6 V
0 to 400
M54/M74HC240/241/244
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com