Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7067 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # SC7067
Description  SMA Male (Plug) Connector for RG316DS, RG188-DS Cable, Crimp/Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7067 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  SC7067 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7067 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7067 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
2
© 2023 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA Male (Plug) Connector for RG316DS,
RG188-DS Cable, Crimp/Solder
SC7067
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Passivated Stainless Steel
Coupling Nut
Passivated Stainless Steel
Mechanical Specification Notes:
Crimp Size Required: Contact: 0.92 (0.36) SQ. Crimp Tool. Ferrule: 3.9 (0.154) Hex. Crimp Tool.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SMA Male (Plug) Connector for RG316DS, RG188-DS Cable, Crimp/Solder from Fairview Microwave is in-stock and available to ship same-
day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview
Microwave is RF on-demand.
For additional information on this product, please click the following link: SMA Male (Plug) Connector for RG316DS, RG188-DS Cable,
Crimp/Solder SC7067
URL: https://www.fairviewmicrowave.com/sma-male-rg316ds-rg188-ds-connector-sc7067-p.aspx
The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to
the part and/or the documentation of the part in order to impliment improvements. Fairview Microwave reserves the right to make such changes as required. Unless otherwise stated,
all specifications are nominal. Fairview Microwave does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and
Fairview Microwave does not assume liability arising out of the use of any part or document.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com