Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2Z1816CS Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # T2Z1816CS
Description  2X 1.8mm - 3.6mm F1.6 for 1/3 type Cameras, Vari-focal Manual Iris CS-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

T2Z1816CS Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  T2Z1816CS Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
2004.5
1/3
type
CS
51
3.5
5.5
15
9.1
1-32 UNF
12.5(IN AIR)
2X 1.8mm - 3.6mm F1.6
for 1/3 type Cameras, Vari-focal Manual Iris
CS-Mount
T2Z1816CS
Dimensions
Model No.
T2Z1816CS
Effective
Front
‡22.0mm
Focal Length
1.8mm - 3.6mm
Lens Aperture
Rear
‡7.9mm
Max. Aperture Ratio
1:1.6
Back Focal
Tele
10.5mm
Max. Image Format
4.8mm x 3.6mm(
‡6mm)
Length
Wide
7.0mm
Operation Range
Iris
F1.6 - F16C
Flange Back Length
12.5mm
Focus
0.2m - Inf.
Mount
CS-Mount
Zoom
1.8mm - 3.6mm
Filter Size
----
Control
Iris
Manual
Dimensions
‡37.4mm x 51mm
Focus
Manual
Weight
68g
Zoom
Manual
Object Dimension
1.8mm
123.8cm x 56.5cm
at M.O.D.
3.6mm
33.2cm x 22.9cm
Angle of View
D
1/3 type
173.8
g - 99.0g
1/4 type
135.8
g - 74.4g
H
144.2
g - 79.4g
109.5
g - 59.6g
V
109.9
g - 59.6g
82.3
g - 44.7g
Operating Temperature
20
gC - 50gC
M.O.D. : Minimum Object Distance


Similar Part No. - T2Z1816CS

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
T2Z3514CS-2 COMPUTAR-T2Z3514CS-2 Datasheet
407Kb / 1P
2X 3.5mm - 8mm F1.4 for 1/3 type Cameras, Vari-focal Manual Iris CS-Mount
2004.5
More results

Similar Description - T2Z1816CS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX076AK SONY-ICX076AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX405AK SONY-ICX405AK Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
logo
Level One
CAS-1300 LVL1-CAS-1300 Datasheet
221Kb / 3P
Megapixel 1/3??CCD high-definition (HD) resolution 2.8 ~ 8.5 mm adjustable Vari-focal length for wide angle surveillance
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
5~50mm Vari-Focal Day/Night Lens
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
3~8mm Vari-Focal Lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com