Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHC-AS1T2 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # BHC-AS1T2
Description  Side View LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BHC-AS1T2 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  BHC-AS1T2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD
Technical Data Sheet (Preliminary)
Side View LEDs
97-22/BHC-AS1T2
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 2 of 7
Device No. :
Prepared date: 1-Jun-2007
Prepared by: Ya_Hui Fang
Package Dimensions
Note: The tolerances unless mentioned is ±0.1mm ;Unit = mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com