Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4010BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4010BEY
Description  HEX BUFFER/CONVERTER (NON INVERTING)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4010BEY Datasheet HTML 1Page - STMicroelectronics HCF4010BEY Datasheet HTML 2Page - STMicroelectronics HCF4010BEY Datasheet HTML 3Page - STMicroelectronics HCF4010BEY Datasheet HTML 4Page - STMicroelectronics HCF4010BEY Datasheet HTML 5Page - STMicroelectronics HCF4010BEY Datasheet HTML 6Page - STMicroelectronics HCF4010BEY Datasheet HTML 7Page - STMicroelectronics HCF4010BEY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
PROPAGATION DELAY TIME :
tPD = 50ns (Typ.) at VDD = 10V CL = 50pF
s
HIGH TO LOW LEVEL LOGIC CONVERSION
s
MULTIPLEXER: 1 TO 6 OR 6 TO 1
s
HIGH ”SINK” AND ”SOURCE” CURRENT
CAPABILITY
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA =25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B ” STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES”
DESCRIPTION
The HCF4010B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
It is an non inverting Hex Buffer/Converter and
can be used as CMOS to TTL logic level converter
as current ”sink”
or ”source” driver or as
multiplexer (1 to 6).
It is a preferred replacement of HCF4050B in
buffer applications.
HCF4010B
HEX BUFFER/CONVERTER (NON INVERTING)
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4010BEY
SOP
HCF4010BM1
HCF4010M013TR
DIP
SOP


Similar Part No. - HCF4010BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010BEY STMICROELECTRONICS-HCF4010BEY Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
More results

Similar Description - HCF4010BEY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
HEX BUFFER/CONVERTER (NON INVERTING)
May-2003
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
HEX BUFFER/CONVERTER (INVERTING)
Mar-2004
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com