Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K50-3CS-SE Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # K50-3CS-SE
Description  Clock Crystal Oscillators Surface Mount Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

K50-3CS-SE Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  K50-3CS-SE Datasheet HTML 1Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 2Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 3Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 4Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 5Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 6Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Clock Crystal Oscillators
Surface Mount Type
K50-3C Series
CMOS / 3.3V / 7.0
×5.0A
Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VDD=3.3V
•
±25ppm available
Table 1
How to Order
Dimensions
Specifications
(Unit : mm)
Recommended Land Pattern (Unit : mm)
K50-3C 0 - S E 25.0000
qType(7
×5 SMD, 3.3V)
wFrequency Stability Code(See Table1)
eDuty Ratio(S: 45% to 55% STD)
rEnable/Disable Function(STD)
tOscillation Frequency(Ex.: 25.0000MHz)
Packaging(Tape & Reel 1Kpcs/reel)
w
qe r
t
Stability
TOPR
Note
Code
(ppm)
(
°C)
0
± 50
−10 to +70
Standard specifications
S
± 30
(Standard)
U
± 25
F
±100 −40 to +85
G
± 50
(Extend)
With only certain
frequencies
With only certain
frequencies
1.8
5.08
Note: A capacitor of value 0.01
µF between VDD
and GND is recommended.
7.0
1.4
q
w
r
e
R0.35
5.08
Plating: Ni
+Au
Tolerance:
±0.2
∗ No-Oscillation:
8
≤FOUT≤32MHz, 50<FOUT≤80MHz
Pin Connections
q Control
w Case GND
e Output
r VDD
Enable/Disable Function
Pin1
Pin3(Output)
Open
Active
"H" Level
Active
"L" Level
High Z∗
Note: Please contact us for inquires about extended operating temperature range, available frequencies and other conditions.
All electrical characteristics are defined at the maximum load and operating temperature range.
Item
Symbol
Conditions
Min.
Max.
Units
Overall conditions:
initial tolerance, operating temperature range, rated power
supply voltage change, load change, aging(1year @25
°C),
shock and vibration
Output Frequency Range
Frequency Stability
Storage Temperature Range
Operating Temperature Range
Max. Supply Voltage
Supply Voltage
Current Consumption
(Maximum Loaded)
Standby/Disable Current
Duty Ratio(Symmetry)
Rise/Fall Time
(10% VDD to 90% VDD Maximum Loaded)
Output Voltage-"L"
Output Voltage-"H"
Output Load
Input Voltage Range
Input Voltage-"L"
Input Voltage-"H"
Output Disable Time
Output Enable Time
Start-up Time
FOUT
1.5
80
MHz
−25
+25
FSBY
−30
+30
ppm
−50
+50
TSTG
−55
+125
TOPR
Standard
−10
+70
°C
Extend(option)
−40
+85
-----
−0.5
7.0
VDD
Stability:
±50ppm, ±30ppm, ±100ppm(Ext Temp)
2.97
3.63
Volt
Stability:
±25ppm, ±50ppm(Ext Temp)
3.14
3.46
1.5
≤FOUT≤20MHz
-----
10
20<FOUT
≤40MHz
-----
15
IDD
40<FOUT
≤60MHz
-----
20
mA
60<FOUT
≤80MHz
-----
30
8
≤FOUT≤32MHz(Standby Function)
-----
10
µA
IST/IDE
32<FOUT
≤50MHz(Disable Function)
-----
15
mA
50<FOUT
≤80MHz(Standby Function)
-----
10
µA
SYM
@50% VDD
45
55
%
8
≤FOUT≤26MHz
-----
10
Tr/Tf
26<FOUT
≤45MHz
-----
8
nS
45<FOUT
≤80MHz
-----
5
VOL
IOL
=8mA
-----
10% VDD
Volt
VOH
IOH
=−8mA
90% VDD
-----
CL
CMOS
-----
15
pF
VIN
0
VDD
Volt
VIL
-----
30% VDD
Volt
VIH
70% VDD
-----
-----
-----
150
nS
8
≤FOUT≤32MHz
-----
5
mS
-----
32<FOUT
≤50MHz
-----
150
nS
50<FOUT
≤80MHz
-----
5
mS
ST
@Minimum operating Voltage to be 0sec.
-----
10
mS
Pb Free
RoHS Conforming



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com