Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXA-SMBPSF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXA-SMBPSF
Description  ADAPTER, SMA-F/SMB-M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXA-SMBPSF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXA-SMBPSF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.82
20.9
.37
9.5
1/4-36 UNS-2A
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 6GHz
INSERTION LOSS: .2 dB MAX.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
INSULATOR
TEFLON
-
CONTACT PIN
BERYLLIUM COPPER
GOLD PLATE
O-RING
BERYLLIUM COPPER
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-SMBPSF
A
AXA-SMBPSF.SLDDRW
1
1
K.BURGNER
9/14/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
9/14/10
9/15/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER, SMA-F/SMB-M
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
9/14/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXA-SMBPSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-SMBJSF L-COM-AXA-SMBJSF Datasheet
119Kb / 1P
ADAPTER, SMA-F/SMB-F
9/14/10
More results

Similar Description - AXA-SMBPSF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Pomona Electronics
4297 POMONA-4297 Datasheet
26Kb / 1P
Adapter, SMA (f) To Type ?쏯??(m)
72977 POMONA-72977 Datasheet
121Kb / 1P
SMA (M) TO SMB (F)
72978 POMONA-72978 Datasheet
124Kb / 1P
SMA (F) TO SMB (M)
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
logo
PHOENIX CONTACT
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
2917036 PHOENIX-2917036 Datasheet
414Kb / 2P
Adapter - RAD-ADP-N/M-SMA/F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com