Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA018 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA018
Description  BNC PLUG TO RCA JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA018 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA018 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.10 27.9
BNC PLUG
PHONE RCA JACK
NOTE:
MATERIAL:
NICKEL PLATED BRASS
GOLD PLA TED CENTER CONTACTS
IIMPEDANCE: 75 OHMS
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA018
C
BA018.SLDDRW
1
1
MCCORMICK
11/01/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
ENG
R.CARRICK
11/01/01
11/01/01
11/02/01
A
B
RELEASED FOR PRODUCTION
PRODUCT VALIDATION UPDATES (ECN 1204)
12/16/02
MCCORMICK
MCCORMICK
C
ECN 3112: UPDATE DWG FORMAT
12/13/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC PLUG TO RCA JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA018

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BA01202 MITSUBISHI-BA01202 Datasheet
49Kb / 1P
GaAs HBT HYBRID IC(N-CDMA hand set)
BA01203 MITSUBISHI-BA01203 Datasheet
56Kb / 1P
GaAs HBT HYBRID IC(CDMA/AMPS handheld-phone)
BA01207 MITSUBISHI-BA01207 Datasheet
27Kb / 1P
GaAs HBT HYBRID IC
BA01232 MITSUBISHI-BA01232 Datasheet
19Kb / 1P
The BA01232 is GaAs RF amplifier designed for W-CDMA hand-held phone
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
More results

Similar Description - BA018

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
Adam Technologies, Inc.
RF1-32-D-XX-75 ADAM-TECH-RF1-32-D-XX-75 Datasheet
98Kb / 1P
BNC MALE TO RCA FEMALE
logo
Pasternack Enterprises,...
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com