Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA307 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA307
Description  BNC 50-OHM TERMINATED ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA307 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA307 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.94
.470
.505 12.83
COLOR VARIATIONS
NONE
D
1
MAY OCCUR
BNC 50-OHM TERMINATED ADAPTOR
PROJECTION
UNDIMENSIONED FEATURES
ECN 7450: ADDED MATERIAL CHART, REVISED ALL NOTES, FORMAT
5/21/14
D.FRISIELLO
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
COAXIAL
5/14/02
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
CATEGORY
5
DIMENSIONS ARE IN INCHES [mm]
6
7
8
BA307
BA307.SLDDRW
1
DFP
5/25/02
REVISIONS
NORTH ANDOVER, MA
DESCRIPTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
APPROVED
REV
DATE
CM
5/28/02
5/31/02
A
B
RELEASED FOR PRODUCTION
ECN#1605 ADDED COMPONENT SPECIFICATION TABLE
12/12/03
MCCORMICK
ECN 3128: UPDATE DWG FORMAT
12/20/07
TJC
D.GRIFFIN
C
UNLESS OTHERWISE SPECIFIED,
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PRODUCT DESCRIPTION
D
FSCM NO.
43321
MAY VARY
1AB05-107
TJC
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
RECOMMENDED
PANEL OPENING
HEX NUT
1/2-28 X 14MM
INTERNAL TOOTH
LOCK WASHER
2X BNC JACK
1/2-28 UNEF-2A
WITH "D" FLAT
1.28 [32.5]
.49 [12.4]
.69 [17.5]
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: 0-1 GHz
INSERTION LOSS: 0.2dB max
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
BNC PLUGS MUST BE INSTALLED ON BOTH JACKS TO
DISCONNECT 50-OHM 1/4-WATT TERMINATING RESISTOR
BETWEEN OUTER SHELL AND CENTER CONDUCTOR. FOR
SIGNAL LEVEL ENERGY ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DESCRIPTION
MATERIAL
FINISH
BODY
ZINC ALLOY
NICKEL PLATE
INSULATOR
POLYPROPYLENE
-
CENTER PIN
PHOSPHORUS BRONZE
GOLD PLATE
WASHER
BRASS
NICKEL PLATE
NUT
BRASS
NICKEL PLATE
D
D
D
D
D
D
DESCRIPTION
MATERIAL
FINISH
BODY
ZINC ALLOY
NICKEL PLATE
INSULATOR
POLYPROPYLENE
-
CENTER PIN
PHOSPHORUS BRONZE
GOLD PLATE
WASHER
BRASS
NICKEL PLATE
NUT
BRASS
NICKEL PLATE


Similar Part No. - BA307

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA307-75 L-COM-BA307-75 Datasheet
48Kb / 1P
ADAP AUTO TERM BNC F 75 OHM
5/14/02
More results

Similar Description - BA307

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-BNCJ-HDBNCJ AMPHENOL-APH-BNCJ-HDBNCJ Datasheet
116Kb / 1P
ADAPTOR, 75 OHM BNC, JACK TO HD BNC JACK
logo
Adam Technologies, Inc.
RF1-01V-P-00-50 ADAM-TECH-RF1-01V-P-00-50 Datasheet
80Kb / 1P
BNC VERTICAL 50 OHM
logo
Rosenberger Hochfrequen...
51K101-K00N5 ROSENBERGER-51K101-K00N5 Datasheet
40Kb / 2P
adaptor BNC 50 jack ??jack
51K501-K00N5 ROSENBERGER-51K501-K00N5 Datasheet
41Kb / 2P
adaptor BNC 50 jack - jack
51S156-S00N5 ROSENBERGER-51S156-S00N5 Datasheet
43Kb / 2P
ADAPTOR bnc 50 PLUG ??TNc 50 PLUG
51S153-K00N5 ROSENBERGER-51S153-K00N5 Datasheet
44Kb / 2P
ADAPTOR BNC 50 plug ??N 50 jack
51S101-S00N5 ROSENBERGER-51S101-S00N5 Datasheet
43Kb / 2P
ADAPTOR BNC 50 plug - plug
51K401-K00N5 ROSENBERGER-51K401-K00N5 Datasheet
41Kb / 2P
ADAPTOR BNC 50 jack ??jack
51K156-K00N5 ROSENBERGER-51K156-K00N5 Datasheet
61Kb / 2P
ADAPTOR bnc 50 jack - TnC 50 jack
56S151-K00N5 ROSENBERGER-56S151-K00N5 Datasheet
145Kb / 2P
ADAPTOR TNC 50 Plug - BNC 50 Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com