Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA406Z Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA406Z
Description  UHF JACK TO UHF JACK ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA406Z Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA406Z Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
LC LG Rev-D4 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.80
45.7
2X UHF JACK
5/8-24 NEF-2A
3/4 HEX
TYP
NOTES:
ELECTRICAL SPECIFICATIONS
FREQUENCY RANGE: 0-300 MHz
•
VSWR: 1.5 MAX
•
CONTACT RESISTANCE: </= 5mΩ
•
DIELECTRIC WITHSTANDING VOLTAGE: 2000 Vrms
•
TEMPERATURE RANGE: -20 C TO 70 C.
•
MATERIAL
BODY: NICKEL PLATED BRASS
•
INSULATOR: DELRIN
•
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
C
ECO-13950
10/25/2024
KDANG
SRAUTUS
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
BA406Z
C
UHF JACK TO UHF JACK ADAPTOR
MCCORMICK
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - BA406Z

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA400 L-COM-BA400 Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA4000 L-COM-BA4000 Datasheet
113Kb / 1P
ADAPTER TNC-M/TNC-F
BA400A L-COM-BA400A Datasheet
125Kb / 1P
RCA BULKHEAD FEED THRU
11/20/01
BA400B L-COM-BA400B Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA400G L-COM-BA400G Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
More results

Similar Description - BA406Z

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
73058 POMONA-73058 Datasheet
104Kb / 1P
UHF Jack to Jack Adapter
logo
Pasternack Enterprises,...
PE9709 PASTERNACK-PE9709 Datasheet
74Kb / 1P
FME JACK TO MINI UHF MALE
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
logo
Tyco Electronics
1-1337652-0 MACOM-1-1337652-0 Datasheet
88Kb / 1P
UHF STRAIGHT JACK SOLDER
logo
Amphenol Corporation
83-1F AMPHENOL-83-1F Datasheet
188Kb / 1P
TITLE UHF JACK TO JACK ADAPTOR
242176 AMPHENOL-242176 Datasheet
30Kb / 1P
SMA JACK TO SMC JACK ADAPTOR
logo
Rosenberger Hochfrequen...
64K101-K00B1 ROSENBERGER-64K101-K00B1 Datasheet
565Kb / 2P
Adaptor Jack - Jack
60K101-KIMN1 ROSENBERGER-60K101-KIMN1 Datasheet
87Kb / 2P
Adaptor Jack - Jack
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com