Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC299 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M54HC299
Description  CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC299 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M54HC299 Datasheet HTML 7Page - STMicroelectronics M54HC299 Datasheet HTML 8Page - STMicroelectronics M54HC299 Datasheet HTML 9Page - STMicroelectronics M54HC299 Datasheet HTML 10Page - STMicroelectronics M54HC299 Datasheet HTML 11Page - STMicroelectronics M54HC299 Datasheet HTML 12Page - STMicroelectronics M54HC299 Datasheet HTML 13Page - STMicroelectronics M54HC299 Datasheet HTML 14Page - STMicroelectronics M54HC299 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Plastic DIP20 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
P001J
M54/M74HC299/323
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15