Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPH15S Datasheet(PDF) 2 Page - C&D Technologies

Part # NPH15S
Description  Isolated 15W Single Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S Datasheet(HTML) 2 Page - C&D Technologies

  NPH15S_05 Datasheet HTML 1Page - C&D Technologies NPH15S_05 Datasheet HTML 2Page - C&D Technologies NPH15S_05 Datasheet HTML 3Page - C&D Technologies NPH15S_05 Datasheet HTML 4Page - C&D Technologies NPH15S_05 Datasheet HTML 5Page - C&D Technologies NPH15S_05 Datasheet HTML 6Page - C&D Technologies NPH15S_05 Datasheet HTML 7Page - C&D Technologies NPH15S_05 Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.cd4power.com
NPH15S SERIES
Isolated 15W Single Output DC/DC Converters
KDC_NPH15SC.6 Page 2 of 8
CONTROL CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Voltage trimming range1
At rated load, trim control at either output
±10
%
Remote switch input (voltage relative to
input negative)1
Not operating
-15
0
1.5
V
Operating, open circuit voltage
9
10
11
Start delay
Time from application of valid input voltage to output being in specifi-
cation
25
50
ms
Synchronisation1
Specified drive signal
320
440
kHz
Switching frequency
330
350
395
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Case temperature
Full load
-40
110
ºC
Storage
Absolute MAX. internal temperature
-40
125
Relative humidity
Non condensing 85ºC
85
%
Thermal protection
Operates at case temperature
110
ºC
THERMAL CHARACTERISTICS
UL 1950 recognition: MAX. permissable loads for a given ambient temperature for any NPH15S model.
Temperature (ºC)
Power (W)
Temperature (ºC)
Power (W)
40
15.0
70
11.7
50
15.0
80
9.8
53
15.0
85
8.8
60
13.7
90
7.8
MAX. power rating with case temperature maintained by external means (e.g. forced air cooling).
Part Number
Case Temperature
Units
100ºC
105ºC
110ºC
NPH15S2403XXX
19
16
12
W
NPH15S2405XXX
22
19
15
NPH15S2412XXX
25
22
19
NPH15S2415XXX
26
24
21
NPH15S4803XXX
20
17
13
W
NPH15S4805XXX
23
20
16
NPH15S4812XXX
28
26
23
NPH15S4815XXX
30
28
25
THERMAL PERFORMANCE
24V Input
48V Input
1. Optional - where fitted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com