Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC32 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC32
Description  QUAD 2-INPUT OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC32 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC32 Datasheet HTML 1Page - STMicroelectronics M54HC32 Datasheet HTML 2Page - STMicroelectronics M54HC32 Datasheet HTML 3Page - STMicroelectronics M54HC32 Datasheet HTML 4Page - STMicroelectronics M54HC32 Datasheet HTML 5Page - STMicroelectronics M54HC32 Datasheet HTML 6Page - STMicroelectronics M54HC32 Datasheet HTML 7Page - STMicroelectronics M54HC32 Datasheet HTML 8Page - STMicroelectronics M54HC32 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC32
M74HC32
December 1992
QUAD 2-INPUT OR GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC32F1R
M74HC32M1R
M74HC32B1R
M74HC32C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 6 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS32
The M54/74HC32 is a high speed CMOS 2-INPUT
OR GATE fabricated in silicon gate C
2MOS technol-
ogy. It has the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption. It achieves the high speed operation simi-
lar to equivalent LSTTL while maintaining the
CMOS low power dissipation. The internal circuit is
composed of 2 stages including buffered output,
which gives high noise immunity and a stable out-
put. All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
DESCRIPTION
1/9


Similar Part No. - M54HC32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC32 STMICROELECTRONICS-M54HC32 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC323 STMICROELECTRONICS-M54HC323 Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC323B1R STMICROELECTRONICS-M54HC323B1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC323C1R STMICROELECTRONICS-M54HC323C1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
M54HC323F1R STMICROELECTRONICS-M54HC323F1R Datasheet
306Kb / 15P
CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS
Oct-1993
More results

Similar Description - M54HC32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com