Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9243EY Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # SI9243EY
Description  Single-Ended Bus Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SI9243EY Datasheet(HTML) 2 Page - TEMIC Semiconductors

  SI9243EY Datasheet HTML 1Page - TEMIC Semiconductors SI9243EY Datasheet HTML 2Page - TEMIC Semiconductors SI9243EY Datasheet HTML 3Page - TEMIC Semiconductors SI9243EY Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A = 1
A = 0
Over Temp
Over Temp S TX
B = 1
B = 0
Short Circuit
TX
Note: Over Temp is a condition and not meant to be a logic signal.
Power On
Power On
Si9243EY
4-2
Siliconix
S-49720—Rev. E, 27-Sep-96
Output Table and State Diagrams
Inputs
State
Variable
Output
Table
TX
A
B
K
RXK
L
RXL
Comments
0
1
1
0
0
0
0
1
1
1
1
1
1
1
0
1
1
0
0
1
1
1
1
1
1
1
0
0
X
0
1
HiZ
K
L
L
Over Temp
0
1
0
HiZ
1
L
L
Short Circuit
1
1
1
1
1
1
1
Receive Mode
1
1
1
0
0
0
0
X = “1” or “0”
HiZ = High Impedance State
Absolute Maximum Ratings
Voltage Referenced to Ground
Voltage On VBAT
45 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage K , L
–16 V to VBAT + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage On Any Pin (Except VBAT, K, L)
or Max. Current
–0.3 V to VDD + 0.3 V or 10 mA
. . . . . . . . . . . . . . . .
Voltage on VDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short Circuit Duration (to VBAT or GND)
Continuous
. . . . . . . . . . . . .
Operating Temperature (TA)
–40 to 125
_C
. . . . . . . . . . . . . . . . . . . . .
Junction and Storage Temperature
-55 to 150
_C
. . . . . . . . . . . . . . . . . .
Thermal Resistance
Q
JA
125
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Specifications
Test Conditions
Unless Otherwise Specified
Limits
E Suffix: –40 to 125
_C
Parameter
Symbol
Unless Otherwise Specified
VDD = 4.5 to 5.5 V, VBAT = 7.25 to 35 V
Tempa
Minb
Typc
Maxb
Unit
Transmitter and Logic Levels
TX Input Low Voltage
VILT
Full
1.5
TX Input High Voltage
VIHT
Full
3.5
K Output Low Voltage
VOLK
RL = 510 W, CL = 10 nF
VBAT = 35 V, VDD = 4.5 V
Full
4.9
V
pg
OLK
R
510
W C10 F
Full
0.2 VBAT
K Output High Voltage
VOHK
RL = 510 W, CL = 10 nF
See Test Circuit
Full
0.91 VBAT
K Rise, Fall Times
tr, tf
See Test Circuit
Full
9.6
ms
K Output Sink Resistance
Rsi
TX=0V
Full
110
W
K Output Capacitanced
CO
TX = 0 V
Full
20
pF
TX Input Capacitanced
CINT
Full
10
pF
TX Input Current
IINT
VDD = 5.5 V, TX = 1.5 V, 3.5 V
Full
–60
–4
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com